Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14094B Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14094B
Description  8-Stage Shift/Store Register with Three-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14094B Datasheet(HTML) 3 Page - ON Semiconductor

  MC14094B_14 Datasheet HTML 1Page - ON Semiconductor MC14094B_14 Datasheet HTML 2Page - ON Semiconductor MC14094B_14 Datasheet HTML 3Page - ON Semiconductor MC14094B_14 Datasheet HTML 4Page - ON Semiconductor MC14094B_14 Datasheet HTML 5Page - ON Semiconductor MC14094B_14 Datasheet HTML 6Page - ON Semiconductor MC14094B_14 Datasheet HTML 7Page - ON Semiconductor MC14094B_14 Datasheet HTML 8Page - ON Semiconductor MC14094B_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC14094B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
−55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
–3.0
–0.64
–1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (4.1 mA/kHz) f + IDD
IT = (14 mA/kHz) f + IDD
IT = (140 mA/kHz) f + IDD
mAdc
3−State Output Leakage Current
ITL
15
±0.1
±0.0001
±0.1
±3.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Similar Part No. - MC14094B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14094BCP ONSEMI-MC14094BCP Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14094BCP ONSEMI-MC14094BCP Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
MC14094BD ONSEMI-MC14094BD Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
More results

Similar Description - MC14094B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_05 Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com