Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4788 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4788
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4788 Datasheet(HTML) 4 Page - Schurter Inc.

  4788 Datasheet HTML 1Page - Schurter Inc. 4788 Datasheet HTML 2Page - Schurter Inc. 4788 Datasheet HTML 3Page - Schurter Inc. 4788 Datasheet HTML 4Page - Schurter Inc. 4788 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Power Entry Modules with Line Filter
CG
www.schurter.com /PG06
EMC Products
All Variants
Type
Rated Current
[A]
Filter-Type
Fuseholder
Line Switch
Line Switch
Order Number
CG
1
Standard Version
1-pole
2-pole
-
CG16.5101.151
CG
2
Standard Version
1-pole
2-pole
-
CG26.5101.151
CG
4
Standard Version
1-pole
2-pole
-
CG36.5101.151
CG
6
Standard Version
1-pole
2-pole
-
CG46.5101.151
CG
10
Standard Version
1-pole
2-pole
-
CG66.5101.151
CG
1
Standard Version
2-pole
2-pole
-
CG10.6101.151
CG
2
Standard Version
2-pole
2-pole
-
CG20.6101.151
CG
4
Standard Version
2-pole
2-pole
-
CG30.6101.151
CG
6
Standard Version
2-pole
2-pole
-
CG40.6101.151
CG
10
Standard Version
2-pole
2-pole
-
CG60.6101.151
CG
1
Medical Version (M5)
2-pole
2-pole
-
CGG0.6101.151
CG
2
Medical Version (M5)
2-pole
2-pole
-
CGA0.6101.151
CG
4
Medical Version (M5)
2-pole
2-pole
-
CGC0.6101.151
CG
6
Medical Version (M5)
2-pole
2-pole
-
CGE0.6101.151
CG
10
Medical Version (M5)
2-pole
2-pole
-
CGL0.6101.151
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Suffix ".21" corresponds to the version with V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset. The cord latching
system prevents against accidental removal of the cordset.
Packaging unit
5 Pcs
Required Accessory
Description
Fusedrawer 1
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
5 x 20, 2-pole
4305.0001
5 x 20, 1-pole
4305.0006
6.3 x 32, 2-pole
4305.0011
6.3 x 32, 1-pole
4305.0016
...
Jumper Wire 1
Connection with Stranded Cable
Type A, 70 mm
0881.0074
Type A, 100 mm
0881.0075
Type B, 70 mm
0881.0076
Type B, 100 mm
0881.0077


Similar Part No. - 4788

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4788 POMONA-4788 Datasheet
64Kb / 1P
   Right Angle BNC Female PC Mount
logo
Schurter Inc.
4788 SCHURTER-4788 Datasheet
326Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788 Datasheet
382Kb / 3P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788 Datasheet
327Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
4788 SCHURTER-4788 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results

Similar Description - 4788

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
CD11.1501.151 SCHURTER-CD11.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
CE16.5100.151 SCHURTER-CE16.5100.151_V01 Datasheet
666Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
04.01.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com