Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6G-0524SZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM6G-0524SZ
Description  6 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6G-0524SZ Datasheet(HTML) 4 Page - AIMTEC

  AM6G-0524SZ Datasheet HTML 1Page - AIMTEC AM6G-0524SZ Datasheet HTML 2Page - AIMTEC AM6G-0524SZ Datasheet HTML 3Page - AIMTEC AM6G-0524SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM6G-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
4 of 4
North America only
Derating
Control ON/OFF pin connection example:
The voltage could be applied trough a limiting resistor. The converter is turned on the external switching circuit is open.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM6G-0524SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6G-0524SZ AIMTEC-AM6G-0524SZ Datasheet
225Kb / 4P
   Continuous Short circuit protection
More results

Similar Description - AM6G-0524SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com