Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0859.0108 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0859.0108
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0859.0108 Datasheet(HTML) 1 Page - Schurter Inc.

  0859.0108 Datasheet HTML 1Page - Schurter Inc. 0859.0108 Datasheet HTML 2Page - Schurter Inc. 0859.0108 Datasheet HTML 3Page - Schurter Inc. 0859.0108 Datasheet HTML 4Page - Schurter Inc. 0859.0108 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Power Entry Modules with Line Filter
CE
www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without vol-
tage selector (series-parallel)
Standard- or Medical-Filter
C14
70° C
Description
- Panel Mount :
Screw-on mounting from front side
- 4 Functions :
Appliance Inlet , Fuseholder with interchangeable fuse drawer for Fuse-
links 5x20 mm or 6.3x32 mm 1- or 2-pole , Voltage Selector (series-
parallel) , Line filter in standard and medical version
- Quick connect terminals 4.8 x 0.8 mm
Approvals
- VDE Certificate Number: 40004665 (FKA, FKB)
- UL File Number: E72928 (FKA, FKB)
Characteristics
- All single elements are already partially wired
- For added safety "Extra-Safe" fuse drawers are available
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
References
Alternative: version without line filter KE
Alternative: Standard version
Weblinks
pdf-datasheet, html-datasheet, General Product Information, RoHS,
CHINA-RoHS, REACH, Distributor-Stock-Check, Accessories, Detailed
request for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 125 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 5 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
from front side IP 40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 4.8 x 0.8 mm
Panel Thickness s
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
1 or 2 pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 or 6.3 x 32 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 2.5 W (1 pole)/ 2 W (2-pole) per
pole
6.3 x 32: 3.15 W (1 pole)/ 2.5 W (2-pole)
per pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Voltage Selector
series-parallel, 4, 3 or 2 switch positions
or usable as 2-pole change-over switch
Line Filter
Standard and Medical Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 1'400'000 h acc. to MIL-HB-217 F


Similar Part No. - 0859.0108

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0859.0109 SCHURTER-0859.0109 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
More results

Similar Description - 0859.0108

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CE16.5100.151 SCHURTER-CE16.5100.151_V01 Datasheet
666Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
04.01.2022
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
CG16.5101.151 SCHURTER-CG16.5101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CD11.1501.151 SCHURTER-CD11.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
1067 SCHURTER-1067 Datasheet
377Kb / 3P
   IEC Appliance Inlet C14 or C18 with Voltage Selector and Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com