Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6GH-2405SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM6GH-2405SZ
Description  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6GH-2405SZ Datasheet(HTML) 1 Page - AIMTEC

  AM6GH-2405SZ Datasheet HTML 1Page - AIMTEC AM6GH-2405SZ Datasheet HTML 2Page - AIMTEC AM6GH-2405SZ Datasheet HTML 3Page - AIMTEC AM6GH-2405SZ Datasheet HTML 4Page - AIMTEC AM6GH-2405SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM6GH-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.A
1 of 5
North America only
FEATURES:
Models
Single Output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current Max
(mA)
Isolation
(VDC)
Input Current
Full | No Load
(mA)
Capacitor
Load
(μF)
Efficiency
(%)
AM6GH-2403SZ
9-36
3.3
1500
1500
261
6
4700
79
AM6GH-2405SZ
9-36
5
1200
1500
298
6
2200
84
AM6GH-2409SZ
9-36
9
666
1500
290
6
1000
86
AM6GH-2412SZ
9-36
12
500
1500
287
6
470
87
AM6GH-2415SZ
9-36
15
400
1500
287
6
220
87
AM6GH-2424SZ
9-36
24
250
1500
287
6
100
87
AM6GH-4803SZ
18-75
3.3
1500
1500
131
6
4700
79
AM6GH-4805SZ
18-75
5
1200
1500
151
6
2200
83
AM6GH-4809SZ
18-75
9
666
1500
147
6
1000
85
AM6GH-4812SZ
18-75
12
500
1500
144
6
470
87
AM6GH-4815SZ
18-75
15
400
1500
144
6
220
87
AM6GH-4824SZ
18-75
24
250
1500
144
6
100
87
AM6GH-2403SH30Z
9-36
3.3
1500
3000
261
6
4700
79
AM6GH-2405SH30Z
9-36
5
1200
3000
298
6
2200
84
AM6GH-2409SH30Z
9-36
9
666
3000
290
6
1000
86
AM6GH-2412SH30Z
9-36
12
500
3000
287
6
470
87
AM6GH-2415SH30Z
9-36
15
400
3000
287
6
220
87
AM6GH-2424SH30Z
9-36
24
250
3000
287
6
100
87
AM6GH-4803SH30Z
18-75
3.3
1500
3000
131
6
4700
79
AM6GH-4805SH30Z
18-75
5
1200
3000
151
6
2200
83
AM6GH-4809SH30Z
18-75
9
666
3000
147
6
1000
85
AM6GH-4812SH30Z
18-75
12
500
3000
144
6
470
87
AM6GH-4815SH30Z
18-75
15
400
3000
144
6
220
87
AM6GH-4824SH30Z
18-75
24
250
3000
144
6
100
87
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current Max
(mA)
Isolation
(VDC)
Input Current
Full | No Load
(mA)
Capacitor
Load
(μF)
Efficiency
(%)
AM6GH-2405DZ
9-36
±5
±600
1500
298
6
±330
84
AM6GH-2412DZ
9-36
±12
±250
1500
291
6
±220
86
AM6GH-2415DZ
9-36
±15
±200
1500
287
6
±100
87
AM6GH-4805DZ
18-75
±5
±600
1500
152
6
±330
82
AM6GH-4812DZ
18-75
±12
±250
1500
147
6
±220
85
AM6GH-4815DZ
18-75
±15
±200
1500
145
6
±100
86
AM6GH-2405DH30Z
9-36
±5
±600
3000
298
6
±330
84
AM6GH-2412DH30Z
9-36
±12
±250
3000
291
6
±220
86
AM6GH-2415DH30Z
9-36
±15
±200
3000
287
6
±100
87
AM6GH-4805DH30Z
18-75
±5
±600
3000
152
6
±330
82
AM6GH-4812DH30Z
18-75
±12
±250
3000
147
6
±220
85
AM6GH-4815DH30Z
18-75
±15
±200
3000
145
6
±100
86
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
 SIP8 Package
 Operating Temperature -40°C to +85°C
 High Efficiency up to 87%
 Continuous Short Circuit Protection
 On / Off Control
 No Minimum Load
 Input / Output Isolation 1500 & 3000 VDC
 Wide 4:1 Input Range
Click on Series name for product info on aimtec.com


Similar Part No. - AM6GH-2405SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-2405SZ AIMTEC-AM6GH-2405SZ Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
More results

Similar Description - AM6GH-2405SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com