Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4022 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4022
Description  IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4022 Datasheet(HTML) 2 Page - Schurter Inc.

  4022 Datasheet HTML 1Page - Schurter Inc. 4022 Datasheet HTML 2Page - Schurter Inc. 4022 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors (Inlets/Outlets)
6100-4
www.schurter.com /PG07
Connectors
All Variants
Type
Protection Class
Panel mounting
Panel Thickness
s [mm]
Terminal
Order Number
6100-4
I
Snap-in
1
Quick connect terminals 4.8 x 0.8 mm
6100.4210
6100-4
I
Snap-in
1.2
Quick connect terminals 4.8 x 0.8 mm
6100.4212
6100-4
I
Snap-in
1.5
Quick connect terminals 4.8 x 0.8 mm
6100.4215
6100-4
I
Snap-in
1.6
Quick connect terminals 4.8 x 0.8 mm
6100.4216
6100-4
I
Snap-in
2
Quick connect terminals 4.8 x 0.8 mm
6100.4220
6100-4
I
Snap-in
2.5
Quick connect terminals 4.8 x 0.8 mm
6100.4225
6100-4
I
Snap-in
3
Quick connect terminals 4.8 x 0.8 mm
6100.4230
6100-4
I
Snap-in
1
Quick connect terminals 6.3 x 0.8 mm
6100.4310
6100-4
I
Snap-in
1.2
Quick connect terminals 6.3 x 0.8 mm
6100.4312
6100-4
I
Snap-in
1.5
Quick connect terminals 6.3 x 0.8 mm
6100.4315
6100-4
I
Snap-in
2
Quick connect terminals 6.3 x 0.8 mm
6100.4320
6100-4
I
Snap-in
2.5
Quick connect terminals 6.3 x 0.8 mm
6100.4325
6100-4
I
Snap-in
3
Quick connect terminals 6.3 x 0.8 mm
6100.4330
6100-4
I
Snap-in
1
Solder terminals 3.8 x 0.8 mm
6100.4110
6100-4
I
Snap-in
1.2
Solder terminals 3.8 x 0.8 mm
6100.4112
6100-4
I
Snap-in
1.5
Solder terminals 3.8 x 0.8 mm
6100.4115
6100-4
I
Snap-in
2
Solder terminals 3.8 x 0.8 mm
6100.4120
6100-4
I
Snap-in
2.5
Solder terminals 3.8 x 0.8 mm
6100.4125
6100-4
I
Snap-in
3
Solder terminals 3.8 x 0.8 mm
6100.4130
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Articles for enhanced glow wire test requirements acc. IEC 60695-2-12 and -13 can be ordered with ending ".15" (xxxx.xxxx.15). They are suitable for the
use in unattended household equipment acc. IEC 60335-1.
Packaging unit
50 Pcs
Accessories
Description
Wire Harness
Wire harness for SCHURTER products
Assorted Covers
Rear Cover
0859.0048
4311.9401
4311.9402
Cord retaining kits
Cord retaining strain relief
Flat head, Z
0888.0021
Countersunk, C
4700.0003


Similar Part No. - 4022

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4022 POMONA-4022 Datasheet
26Kb / 1P
   Insulated Banana Jack, Miniature With Wire Wrap Terminal
logo
Schurter Inc.
4022 SCHURTER-4022 Datasheet
442Kb / 3P
   IEC Connector C13, Rewireable, Straight
4022 SCHURTER-4022 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
4022 SCHURTER-4022 Datasheet
197Kb / 2P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
4022 SCHURTER-4022 Datasheet
659Kb / 5P
   IEC Appliance Inlet C14 with Filter
More results

Similar Description - 4022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100-4 SCHURTER-6100-4_18 Datasheet
311Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V02 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6100-4_1809 SCHURTER-6100-4_1809 Datasheet
322Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V01 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Termina
1061 SCHURTER-1061 Datasheet
406Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6010 SCHURTER-6010 Datasheet
434Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6110-4 SCHURTER-6110-4 Datasheet
350Kb / 2P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5 Datasheet
332Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6110-4_1809 SCHURTER-6110-4_1809 Datasheet
273Kb / 3P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6102-5 SCHURTER-6102-5_V02 Datasheet
268Kb / 4P
   IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com