Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD31.4501.151 Datasheet(PDF) 2 Page - Schurter Inc.

Part # CD31.4501.151
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CD31.4501.151 Datasheet(HTML) 2 Page - Schurter Inc.

  CD31.4501.151 Datasheet HTML 1Page - Schurter Inc. CD31.4501.151 Datasheet HTML 2Page - Schurter Inc. CD31.4501.151 Datasheet HTML 3Page - Schurter Inc. CD31.4501.151 Datasheet HTML 4Page - Schurter Inc. CD31.4501.151 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Power Entry Modules with Line Filter
CD
www.schurter.com /PG06
EMC Products
Dimension
CD
30
55
4.8x0.8
R 4.5
R 6
R 3.1
27.2
28.5
+0.3
0
R 3
0
-0.2
M3/ø 3.6
69
3
56
2
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 10
68
2.2
-
2
Standard Version
2 x 4
68
2.2
-
4
Standard Version
2 x 1.5
68
2.2
-
6
Standard Version
2 x 0.8
68
2.2
-
10
Standard Version
2 x 0.3
68
2.2
-
1
Medical Version (M5)
2 x 10
68
-
1
2
Medical Version (M5)
2 x 4
68
-
1
4
Medical Version (M5)
2 x 1.5
68
-
1
6
Medical Version (M5)
2 x 0.8
68
-
1
10
Medical Version (M5)
2 x 0.3
68
-
1
2
Medical (M80)
2 x 4
68
0.47
1
4
Medical (M80)
2 x 1.5
68
0.47
1
10
Medical (M80)
2 x 0.3
68
0.47
1
Diagrams
Standard version
with voltage selector
Cx
L1
L2
Cy
Cy
2)
PE’
L
PE
N
1)
1a
2a
1
2
F1
F2
4
3
7
5
6
X)
1) Line
2) Load
x) External connection to be made by the customer
Medical version
with voltage selector
Cx
L1
L2
R
X)
2)
PE’
L
PE
N
1)
1a
2a
1
2
F1
F2
4
3
7
5
6
1) Line
2) Load
x) External connection to be made by the customer


Similar Part No. - CD31.4501.151

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CD31003 MOLEX4-CD31003 Datasheet
70Kb / 2P
   BUTT SPLICE VERSAKRIMP TAPED (D-354T)
CD31003 MOLEX4-CD31003 Datasheet
66Kb / 2P
   VersaKrimp??Butt Splice for 3/0 AWG Wire
logo
Compensated Deuices Inc...
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3155 CDI-DIODE-CD3155 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3156 CDI-DIODE-CD3156 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
More results

Similar Description - CD31.4501.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
CG16.5101.151 SCHURTER-CG16.5101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com