Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78M15CH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78M15CH
Description  3-Terminal Positive Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78M15CH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM78M15CH Datasheet HTML 1Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 2Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 3Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 4Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 5Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 6Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 7Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 8Page - National Semiconductor (TI) LM78M15CH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM341/LM78MXX Series
3-Terminal Positive Voltage Regulators
General Description
The LM341 and LM78MXX series of three-terminal positive
voltage regulators employ built-in current limiting, thermal
shutdown, and safe-operating area protection which makes
them virtually immune to damage from output overloads.
With adequate heatsinking, they can deliver in excess of
0.5A output current. Typical applications would include local
(on-card) regulators which can eliminate the noise and de-
graded performance associated with single-point regulation.
Features
n Output current in excess of 0.5A
n No external components
n Internal thermal overload protection
n Internal short circuit current-limiting
n Output transistor safe-area compensation
n Available in TO-220, TO-39, and TO-252 D-PAK
packages
n Output voltages of 5V, 12V, and 15V
Connection Diagrams
TO-39 Metal Can Package (H)
DS010484-5
Bottom View
Order Number LM78M05CH, LM78M12CH or LM78M15CH
See NS Package Number H03A
TO-220 Power Package (T)
DS010484-6
Top View
Order Number LM341T-5.0, LM341T-12, LM341T-15, LM78M05CT, LM78M12CT or LM78M15CT
See NS Package Number T03B
TO-252
DS010484-19
Top View
Order Number LM78M05CDT
See NS Package Number TD03B
July 1999
© 1999 National Semiconductor Corporation
DS010484
www.national.com


Similar Part No. - LM78M15CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78M15CH NSC-LM78M15CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM78M15CH TI1-LM78M15CH Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Similar Description - LM78M15CH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com