Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6100.4216 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 6100.4216
Description  IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6100.4216 Datasheet(HTML) 3 Page - Schurter Inc.

  6100.4216 Datasheet HTML 1Page - Schurter Inc. 6100.4216 Datasheet HTML 2Page - Schurter Inc. 6100.4216 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Connectors (Inlets/Outlets)
6100-4
www.schurter.com /PG07
Connectors
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
Appliance Outlet further types to 6100-4
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4022
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4012
Connector further types to 6100-4
...
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 6100.4216

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.4216 SCHURTER-6100.4216 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
More results

Similar Description - 6100.4216

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100-4 SCHURTER-6100-4_18 Datasheet
311Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V02 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6100-4_1809 SCHURTER-6100-4_1809 Datasheet
322Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6100-4 SCHURTER-6100-4_V01 Datasheet
334Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Termina
1061 SCHURTER-1061 Datasheet
406Kb / 3P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6010 SCHURTER-6010 Datasheet
434Kb / 4P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6110-4 SCHURTER-6110-4 Datasheet
350Kb / 2P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5 Datasheet
332Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6110-4_1809 SCHURTER-6110-4_1809 Datasheet
273Kb / 3P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6102-5 SCHURTER-6102-5_V02 Datasheet
268Kb / 4P
   IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com