Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1072-1-ACZL-TR Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1072-1-ACZL-TR
Description  1째C Temperature Sensor with Selectable Address
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1072-1-ACZL-TR Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1072-1-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC1072-1-ACZL-TR Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1°C Temperature Sensor with Selectable Address
Datasheet
Revision 1.39 (10-11-10)
8
SMSC EMC1072
DATASHEET
Chapter 2 Pin Description
The pin types are described below. All pins labelled with (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, THERM, and
ALERT), the voltage difference between VDD and the pull-up voltage must never exceed
3.6V.
Power - these pins are used to supply either VDD or GND to the device.
AIO - Analog Input / Output.
DI - Digital Input.
OD - Open Drain Digital Output.
DIOD - Digital Input / Open Drain Output.
Figure 2.1 EMC1072 Pin Diagram
Table 2.1 EMC1072 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP
External diode positive (anode)
connection
AIO
3
DN
External diode negative (cathode)
connection
AIO
4
THERM / ADDR
Active low Critical THERM output
signal - requires pull-up resistor to
set SMBus Address
OD (5V)
5
GND
Ground
Power
6
ALERT
Active low digital ALERT output
signal - requires pull-up resistor
OD (5V)
7
SMDATA
SMBus Data input/output
DIOD (5V)
8
SMCLK
SMBus Clock input
DI (5V)
SM DA T A
SM CL K
AL E R T
VD D
DP
DN
TH ER M / AD D R
GN D
1
2
3
4
5
8
7
6


Similar Part No. - EMC1072-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1072 MICROCHIP-EMC1072 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC1072 MICROCHIP-EMC1072 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
More results

Similar Description - EMC1072-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1073 SMSC-EMC1073 Datasheet
742Kb / 45P
   Multiple Channel 1째C Temperature Sensors with Selectable Address
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1046 SMSC-EMC1046_09 Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1423 SMSC-EMC1423 Datasheet
766Kb / 45P
   1째C Temperature Sensor with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com