Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2G14 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC2G14
Description  Inverting Schmitt-triggers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G14 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC2G14 Datasheet HTML 1Page - NXP Semiconductors 74HC2G14 Datasheet HTML 2Page - NXP Semiconductors 74HC2G14 Datasheet HTML 3Page - NXP Semiconductors 74HC2G14 Datasheet HTML 4Page - NXP Semiconductors 74HC2G14 Datasheet HTML 5Page - NXP Semiconductors 74HC2G14 Datasheet HTML 6Page - NXP Semiconductors 74HC2G14 Datasheet HTML 7Page - NXP Semiconductors 74HC2G14 Datasheet HTML 8Page - NXP Semiconductors 74HC2G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2003 May 1
5
Philips Semiconductors
Preliminary specification
Inverting Schmitt-triggers
74HC2G14; 74HCT2G14
DC CHARACTERISTICS
Type 74HC2G14
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
+25
−40 to +85 −40 to +125
MIN. TYP.(1) MAX. MIN. MAX. MIN. MAX.
VOH
HIGH-level
output voltage
VI =VIH or VIL:
IO = −20 µA
2.0
1.9
2.0
1.9
1.9
V
VI =VIH or VIL:
IO = −20 µA
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL:
IO = −20 µA
6.0
5.9
6.0
5.9
5.9
V
VI =VIH or VIL;
IO = −4.0 mA
4.5
4.18
4.32
4.13
3.7
V
VI =VIH or VIL;
IO = −5.2 mA
6.0
5.68
5.81
5.63
5.2
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =20 µA
2.0
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO =20 µA
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO =20 µA
6.0
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 4.0 mA
4.5
0.15
0.26
0.33
0.4
V
VI =VIH or VIL;
IO = 5.2 mA
6.0
0.16
0.26
0.33
0.4
V
II
input leakage
current
VI =VCC or GND
6.0
−−
±0.1
−±1.0
−±1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
6.0
−−
1.0
10
20
µA


Similar Part No. - 74HC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G14 NXP-74HC2G14 Datasheet
95Kb / 19P
   Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G14GV NXP-74HC2G14GV Datasheet
95Kb / 19P
   Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
Nexperia B.V. All right...
74HC2G14GV NEXPERIA-74HC2G14GV Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
More results

Similar Description - 74HC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G14 PHILIPS-74HC3G14 Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com