Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4N-0515SH50Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM4N-0515SH50Z
Description  4 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4N-0515SH50Z Datasheet(HTML) 2 Page - AIMTEC

  AM4N-0515SH50Z Datasheet HTML 1Page - AIMTEC AM4N-0515SH50Z Datasheet HTML 2Page - AIMTEC AM4N-0515SH50Z Datasheet HTML 3Page - AIMTEC AM4N-0515SH50Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM4N-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 4
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Maximum case temperature
100
oC
Derating
None
%/ oC
Cooling
Natural Convection
Humidity
95
% RH
Case material
Non Conductive Black Plastic (UL94V-0 rated)
Weight
12.5
g
Dimensions (L x W x H)
1.25 x 0.80 x 0.40 inches 31.75 x 20.32 x 10.16 mm
MTBF
> 1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum soldering temperature
1.5mm from case for
10sec
260
oC
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN 55022 Class A
EN 55024
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-8
NOTE: also designed to meet IEC 60601-1
Pin Out Specifications
N.C.: No connection
Pin
Single
2
-V Input
3
-V Input
11
N.C.
14
+V Output
16
-V Output
22
V+ Input
23
V+ Input


Similar Part No. - AM4N-0515SH50Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4N-0515SH50Z AIMTEC-AM4N-0515SH50Z Datasheet
157Kb / 4P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4N-0515SH50Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com