Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2G00 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC2G00
Description  Dual 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G00 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC2G00 Datasheet HTML 6Page - NXP Semiconductors 74HC2G00 Datasheet HTML 7Page - NXP Semiconductors 74HC2G00 Datasheet HTML 8Page - NXP Semiconductors 74HC2G00 Datasheet HTML 9Page - NXP Semiconductors 74HC2G00 Datasheet HTML 10Page - NXP Semiconductors 74HC2G00 Datasheet HTML 11Page - NXP Semiconductors 74HC2G00 Datasheet HTML 12Page - NXP Semiconductors 74HC2G00 Datasheet HTML 13Page - NXP Semiconductors 74HC2G00 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2003 Feb 12
10
Philips Semiconductors
Product specification
Dual 2-input NAND gate
74HC2G00; 74HCT2G00
AC WAVEFORMS
handbook, halfpage
MNA714
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA, nB input
VI
GND
VOH
VOL
tTLH
tTHL
Fig.5 The input (nA, nB) to output (nY) propagation delays and transition times.
For 74HC2G00: VM = 50%; VI = GND to VCC.
For 74HCT2G00: VM = 1.3 V; VI = GND to 3.0 V.
handbook, full pagewidth
open
GND
50 pF
VCC
VCC
VI
VO
MNA742
D.U.T.
CL
RT
RL
1 k
PULSE
GENERATOR
S1
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
Vcc
tPHZ/tPZH
GND


Similar Part No. - 74HC2G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74HC2G00 NEXPERIA-74HC2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
74HC2G00-Q100 NEXPERIA-74HC2G00-Q100 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
74HC2G00-Q100 NEXPERIA-74HC2G00-Q100 Datasheet
207Kb / 11P
   Dual 2-input NAND gate
Rev. 2 - 20 November 2018
logo
NXP Semiconductors
74HC2G00DC NXP-74HC2G00DC Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
More results

Similar Description - 74HC2G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com