Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB16-600 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTB16-600
Description  Triacs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB16-600 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTB16-600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BTB16-600
FEATURES
·
With TO-220AB non insulated package
·
Suitables for general purpose AC switching. Which can be
used as an ON/OFF function in applications such as static relays,
heating regulation,induction motor starting circuits. Or for phase
control operation in light dimmers, motor speed controllers etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)
16
A
ITSM
Non-repetitive peak on-state current
tp=20ms
160
A
Tj
Operating junction temperature
125
Tstg
Storage temperature
-40~150
Rth(j-c)
Thermal resistance, junction to case
2.3
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110
0.005
2
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110
0.005
2
mA
IGT
Gate trigger current
VD=12V; RL= 33Ω
50
mA
50
50
100
IH
Holding current
IGT= 0.5A, Gate Open
50
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 33Ω
1.3
V
VTM
On-state voltage
IT= 22.5A; tp= 380μs
1.55
V


Similar Part No. - BTB16-600

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
BTB16-600 APOLLOELECTRON-BTB16-600 Datasheet
2Mb / 6P
   Standard Triac
logo
STMicroelectronics
BTB16-600B STMICROELECTRONICS-BTB16-600B Datasheet
67Kb / 5P
   STANDARD TRIACS
logo
Kersemi Electronic Co.,...
BTB16-600B KERSEMI-BTB16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
Inchange Semiconductor ...
BTB16-600B ISC-BTB16-600B Datasheet
120Kb / 1P
   isc Triacs
More results

Similar Description - BTB16-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com