Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90614ESF-BCC-000-TU Datasheet(PDF) 27 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-BCC-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-BCC-000-TU Datasheet(HTML) 27 Page - Melexis Microelectronic Systems

Back Button MLX90614ESF-BCC-000-TU Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90614ESF-BCC-000-TU Datasheet HTML 31Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 27 of 52
Data Sheet
Rev 009
June 29, 2015
8.7 Computation of ambient and object temperatures
The IR sensor consists of serial connected thermo-couples with cold junctions placed at thick chip
substrate and hot junctions, placed over thin membrane. The IR radiation absorbed from the membrane heats
(or cools) it. The thermopile output signal is:
(
)
(
)4
4
,
Ta
To
A
To
Ta
V
ir
×
=
Where To is the absolute object temperature (Kelvin), Ta is the sensor die absolute (Kelvin)
temperature, and A is the overall sensitivity.
An on board temperature sensor is needed to measure the chip temperature. After measurement of the
output of both sensors, the corresponding ambient and object temperatures can be calculated. These
calculations are done by the internal DSP, which produces digital outputs, linearly proportional to measured
temperatures.
8.7.1 Ambient temperature Ta
The Sensor die temperature is measured with a PTAT element. All the sensors conditioning and data
processing is handled on-chip and the linearized sensor die temperature Ta is available in memory.
The resolution of the calculated temperature is 0.02˚C. The sensor is factory calibrated for the full
automotive range -40…+125˚C. The linearized die temperature is available in RAM cell 0x06:
-
0x06=0x2DE4 (11748d) corresponds to -38.2˚C (linearization output lower limit)
-
0x06=0x4DC4 (19908d) corresponds to +125˚C. (linearization output higher limit)
The conversions from RAM contend to real Ta is easy using the following relation:
02
.
0
]
[
×
=
°
Tareg
K
Ta
, or 0.02°K / LSB.
8.7.2 Object temperature To
The result has a resolution of 0.02 ˚C and is available in RAM. To is derived from RAM as:
02
.
0
]
[
×
=
°
Toreg
K
To
, or 0.02°K / LSB.
Please note that 1LSB corresponds to 0,02° and the MSB bit is error flag (if “1” then error).
Example:
1. 0x27AD
-70.00˚C (no error)
2. 0x27AE
-69.98˚C (no error)
3. 0x3AF7
28.75˚C (no error)
4. 0x3AF8
28.77˚C (no error)
5. 0x7FFF
382.19˚C (no error) - maximum possible value returned by MLX90614
6. 0x8XXX
xxx.xx˚C (flag error)
The result is calculated by following expressions (valid for both To and Ta):
1. Convert it to decimal value i.e. 0x3AF7 = 15095d
2. Divide by 50 (or multiply by 0.02) i.e.
9
.
301
50
15095 =
K (result is in Kelvin)
3. Convert K -> ˚C i.e. 301.9 - 273.15 = 28.75˚C


Similar Part No. - MLX90614ESF-BCC-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614ESF-BAA MELEXIS-MLX90614ESF-BAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-BAB MELEXIS-MLX90614ESF-BAB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-BAC MELEXIS-MLX90614ESF-BAC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-BBA MELEXIS-MLX90614ESF-BBA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614ESF-BBB MELEXIS-MLX90614ESF-BBB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614ESF-BCC-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com