Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHR974-LP-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LHR974-LP-1
Description  SMT package 0805, colorless diffused resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHR974-LP-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LHR974-LP-1 Datasheet HTML 3Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 4Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 5Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 6Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 7Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 8Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 9Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 10Page - OSRAM GmbH LHR974-LP-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Version 1.0
LH R974
2012-11-06
7
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 19 , 1) page 19
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 19, 1) Seite 19
Irel= f (λ); TA = 25 °C; IF = 20 mA
Radiation Characteristics 7) page 19
Abstrahlcharakteristik 7) Seite 19
Irel = f (ϕ); TA = 25 °C
%
OHL01727
100
80
60
40
20
0
400
450
500
550
600
650
700
nm
I rel
λ
Vλ
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL00408
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LHR974-LP-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LHR974 OSRAM-LHR974 Datasheet
338Kb / 12P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LHR974-LP-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-V193 OSRAM-LB-V193 Datasheet
564Kb / 14P
   SMT package, colorless diffused resin
LB-V19G OSRAM-LB-V19G Datasheet
569Kb / 15P
   SMT package, colorless diffused resin
LG-V196 OSRAM-LG-V196 Datasheet
572Kb / 14P
   SMT package, colorless diffused resin
LT-QH9G OSRAM-LT-QH9G Datasheet
730Kb / 21P
   SMT package 0402, colorless diffused resin
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
   SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
   SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
   SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com