Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LGR971-KN-1 Datasheet(PDF) 15 Page - OSRAM GmbH

Part No. LGR971-KN-1
Description  Optical Indicator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

LGR971-KN-1 Datasheet(HTML) 15 Page - OSRAM GmbH

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Version 1.0
LG R971
2012-11-06
15
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card. 
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte. 
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSR
AM
M
o
is
tu
re
L
e
v
e
l
3
F
lo
o
r
ti
m
e
1
6
8
H
o
u
rs
M
o
is
tu
re
L
e
v
e
l
6
F
lo
o
r
ti
m
e
6
H
o
u
rs
a
)
H
u
m
id
it
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t
2
3
˚C
±
5
˚C
,
o
r
re
fl
o
w
,
v
a
p
o
r-
p
h
a
s
e
re
fl
o
w
,
o
r
e
q
u
iv
a
le
n
t
p
ro
c
e
s
s
in
g
(p
e
a
k
p
a
c
k
a
g
e
2
.
A
ft
e
r
th
is
b
a
g
is
o
p
e
n
e
d
,
d
e
v
ic
e
s
th
a
t
w
ill
b
e
s
u
b
je
c
te
d
to
in
fr
a
re
d
1
.
S
h
e
lf
lif
e
in
s
e
a
le
d
b
a
g
:
2
4
m
o
n
th
s
a
t
<
4
0
˚C
a
n
d
<
9
0
%
re
la
ti
v
e
h
u
m
id
it
y
(R
H
).
M
o
is
tu
re
L
e
v
e
l
5
a
a
t
fa
c
to
ry
c
o
n
d
it
io
n
s
o
f
(i
f
b
la
n
k
,
s
e
a
l
d
a
te
is
id
e
n
ti
c
a
l
w
it
h
d
a
te
c
o
d
e
).
a
)
M
o
u
n
te
d
w
it
h
in
b
)
S
to
re
d
a
t
b
o
d
y
te
m
p
.
3
.
D
e
v
ic
e
s
re
q
u
ir
e
b
a
k
in
g
,
b
e
fo
re
m
o
u
n
ti
n
g
,
if
:
B
a
g
s
e
a
l
d
a
te
M
o
is
tu
re
L
e
v
e
l
1
M
o
is
tu
re
L
e
v
e
l
2
M
o
is
tu
re
L
e
v
e
l
2
a
4
.
If
b
a
k
in
g
is
re
q
u
ir
e
d
,
b
)
2
a
o
r
2
b
is
n
o
t
m
e
t.
D
a
te
a
n
d
ti
m
e
o
p
e
n
e
d
:
re
fe
re
n
c
e
IP
C
/J
E
D
E
C
J
-S
T
D
-0
3
3
fo
r
b
a
k
e
p
ro
c
e
d
u
re
.
F
lo
o
r
ti
m
e
s
e
e
b
e
lo
w
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l
F
lo
o
r
ti
m
e
>
1
Y
e
a
r
F
lo
o
r
ti
m
e
1
Y
e
a
r
F
lo
o
r
ti
m
e
4
W
e
e
k
s
1
0
%
R
H
.
_
<
M
o
is
tu
re
L
e
v
e
l
4
M
o
is
tu
re
L
e
v
e
l
5
˚C
).
O
P
T
O
S
E
M
IC
O
N
D
U
C
T
O
R
S
M
O
IS
T
U
R
E
S
E
N
S
IT
IV
E
T
h
is
b
ag
co
n
ta
in
s
C
A
U
T
IO
N
F
lo
o
r
ti
m
e
7
2
H
o
u
rs
F
lo
o
r
ti
m
e
4
8
H
o
u
rs
F
lo
o
r
ti
m
e
2
4
H
o
u
rs
3
0
˚C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn