Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LGR971-KN-1 Datasheet(PDF) 14 Page - OSRAM GmbH

Part No. LGR971-KN-1
Description  Optical Indicator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

LGR971-KN-1 Datasheet(HTML) 14 Page - OSRAM GmbH

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2012-11-06
14
Version 1.0
LG R971
Tape and Reel
Gurtverpackung
8 mm tape with 4000 pcs. on ∅ 180 mm reel
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
8 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
or
4 ± 0.1
(0.157 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
3.5 ± 0.05
(0.217 ±
0.002)
A
W
Nmin
W1
W2max
180 (7)
8 (0.315)
60 (2.362)
8.4 + 2 (0.331 +
0.079)
14.4 (0.567)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn