Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LGR971-KN-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part No. LGR971-KN-1
Description  Optical Indicator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

LGR971-KN-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2012-11-06
8
Version 1.0
LG R971
Forward Current 7) page 19
Durchlassstrom 7) Seite19
IF = f (VF); TA = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(20 mA) = f(IF); TA = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 20mA
10 -3
V
OHL00068
mA
1
-2
10
-1
10
0
10
1
10
2
10
1.4
1.8
2.2
2.6
3
3.4
green
F
I
F
V
V
V (20 mA)
10 -1
0
10
10 12
10
mA
10 -2
5
OHL00069
1
10
I
I
55
10 -1
10 0
5
green
F
I
T
OHL00071
0
V
I
-20
0
20
40
60
˚C 100
j
0.4
0.8
1.2
1.6
2
I
V
(25 ˚C)
green


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn