Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC3GU04DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC3GU04DP
Description  high-speed Si-gate CMOS device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC3GU04DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC3GU04DP Datasheet HTML 1Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 2Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 3Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 4Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 5Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 6Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 7Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 8Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AHC3GU04 is a high-speed Si-gate CMOS device. This device provides the
inverting single stage function.
2.
Features
s Symmetrical output impedance
s High noise immunity
s ESD protection:
x HBM EIA/JESD22-A114-A exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
x CDM EIA/JESD22-C101 exceeds 1000 V.
s Low power dissipation
s Balanced propagation delays
s SOT505-2 and SOT765-1 package
s Output capability
±8 mA drive
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C.
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
74AHC3GU04
Inverter
Rev. 01 — 5 March 2004
Product data sheet
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH
propagation delay nA to nY VCC =5V;
CL =15pF
-
2.5
5.5
ns
CI
input capacitance
-
3.0
10
pF
CPD
power dissipation
capacitance
[1]
[2]
-4
-pF


Similar Part No. - 74AHC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3GU04DP NXP-74AHC3GU04DP Datasheet
177Kb / 15P
   Inverter
Rev. 04-7 January 2010
logo
Nexperia B.V. All right...
74AHC3GU04DP NEXPERIA-74AHC3GU04DP Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
74AHC3GU04DP-Q100 NEXPERIA-74AHC3GU04DP-Q100 Datasheet
233Kb / 13P
   Triple unbuffered inverter
More results

Similar Description - 74AHC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
XC7SET32 PHILIPS-XC7SET32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-3 September 2009
XC7SH32 PHILIPS-XC7SH32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-2 September 2009
XC7SH02 PHILIPS-XC7SH02 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-7 September 2009
XC7SET02 PHILIPS-XC7SET02 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
XC7SH08 PHILIPS-XC7SH08 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
XC7SH86 PHILIPS-XC7SH86 Datasheet
75Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
XC7SET86 PHILIPS-XC7SET86 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input EXCLUSIVE-OR function
Rev. 01-7 September 2009
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com