Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC164 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC164
Description  8-bit serial-in/parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC164 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC164 Datasheet HTML 5Page - NXP Semiconductors 74AHC164 Datasheet HTML 6Page - NXP Semiconductors 74AHC164 Datasheet HTML 7Page - NXP Semiconductors 74AHC164 Datasheet HTML 8Page - NXP Semiconductors 74AHC164 Datasheet HTML 9Page - NXP Semiconductors 74AHC164 Datasheet HTML 10Page - NXP Semiconductors 74AHC164 Datasheet HTML 11Page - NXP Semiconductors 74AHC164 Datasheet HTML 12Page - NXP Semiconductors 74AHC164 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2000 Aug 15
9
Philips Semiconductors
Product specification
8-bit serial-in/parallel-out shift register
74AHC164; 74AHCT164
AC CHARACTERISTICS
Type 74AHC164
GND = 0 V; tr =tf ≤ 3.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85 −40 to +125
MIN. TYP. MAX. MIN. MAX. MIN. MAX.
VCC = 3.0 to 3.6 V; typical values at VCC = 3.3 V
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 9 15 pF
6.5
12.8
1.0
15.0
1.0
16.0
ns
tPHL
propagation delay
MR to Qn
see Figs 7 and 9
5.3
12.8
1.0
15.0
1.0
16.0
ns
fmax
maximum clock pulse
frequency
see Figs 6 and 9
80
125
65
50
MHz
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 9 50 pF
9.3
16.3
1.0
18.5
1.0
20.5
ns
tPHL
propagation delay
MR to Qn
see Figs 7 and 9
7.6
16.3
1.0
18.5
1.0
20.5
ns
tW
clock pulse width HIGH
or LOW
see Figs 6 and 9
5.0
−−
5.0
5.0
ns
master reset pulse
width LOW
see Figs 7 and 9
5.0
−−
5.0
5.0
ns
tsu
set-up time
Dsa,Dsb to CP
see Figs 8 and 9
5.0
−−
6.0
6.0
ns
th
hold time
Dsa, Dsb to CP
see Figs 8 and 9
1.5
−−
1.5
1.5
ns
trem
removal time MR to CP see Figs 7 and 9
2.5
−−
2.5
2.5
ns
fmax
maximum clock pulse
frequency
see Figs 6 and 9
50
75
45
35
MHz


Similar Part No. - 74AHC164

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Nexperia B.V. All right...
74AHC164 NEXPERIA-74AHC164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
74AHC164-Q100 NEXPERIA-74AHC164-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC164BQ NXP-74AHC164BQ Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHC164BQ NEXPERIA-74AHC164BQ Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results

Similar Description - 74AHC164

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com