Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEUWQ8WP-NAPA-BQ Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEUWQ8WP-NAPA-BQ
Description  compact lightsource in SMT technology with glass window on top
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWQ8WP-NAPA-BQ Datasheet(HTML) 1 Page - OSRAM GmbH

  LEUWQ8WP-NAPA-BQ Datasheet HTML 1Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 2Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 3Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 4Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 5Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 6Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 7Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 8Page - OSRAM GmbH LEUWQ8WP-NAPA-BQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-03-21
1
2016-03-21
OSRAM OSTAR Projection Compact
Datasheet
Version 1.0
LE UW Q8WP
Compact light source in SMT technology, glass
window on top, ultra white, Lead (Pb) free - RoHS
compliant
Compact light source in SMT technology, glass
window on top, ultra white, Lead (Pb) free - RoHS
compliant
Features:
Besondere Merkmale:
Package: compact lightsource in SMT technology
with glass window on top
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 130°
Abstrahlwinkel bei 50 % I
V: 130°
Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931
(ultra white)
Farbe: Cx = 0.32, Cy = 0.33 nach CIE 1931
(ultra weiß)
Applications
Anwendungen
Projection
Projektion
Stage and Entertainment Lighting
Bühnen- und Effektbeleuchtung


Similar Part No. - LEUWQ8WP-NAPA-BQ

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEUWQ9WP-8M7N-GMKM OSRAM-LEUWQ9WP-8M7N-GMKM Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
More results

Similar Description - LEUWQ8WP-NAPA-BQ

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
   compact lightsource in SMT technology with glass window on top
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEBQ7WP-5C8C-24 OSRAM-LEBQ7WP-5C8C-24 Datasheet
875Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com