Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEUWD1W501-7P8Q-GMKM-T01 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEUWD1W501-7P8Q-GMKM-T01
Description  compact lightsource in multi chip on board technology with glass window on top
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W501-7P8Q-GMKM-T01 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 5Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 9Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 10Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 11Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 12Page - OSRAM GmbH LEUWD1W501-7P8Q-GMKM-T01 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Version 2.1 (not for new design)
LE UW D1W5 01
2015-12-02
9
Forward Current 5) page 19 , 6) page 19
Durchlassstrom 5) Seite 19 , 6) Seite 19
IF = f (VF); TBoard = 25 °C
Relative Luminous Flux 5) page 19 , 6) page 19
Relativer Lichtstrom 5) Seite 19 , 6) Seite 19
ΦVV(700 mA) = f(IF); TBoard = 25 °C
Chromaticity Coordinate Shift 5) page 19
Farbortverschiebung 5) Seite 19
Cx, Cy = f(IF); TBoard = 25 °C
LE UW D1W5 01
14
15
16
17
18
VF [V]
200
400
600
800
1000
IF [mA]
LE UW D1W1 01
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΦV
ΦV(700 mA )
LE UW D1W1 01
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
Cx
Cy
: ∆Cx
: ∆Cy


Similar Part No. - LEUWD1W501-7P8Q-GMKM-T01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWD1W101 OSRAM-LEUWD1W101 Datasheet
294Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
More results

Similar Description - LEUWD1W501-7P8Q-GMKM-T01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-A-G3W OSRAM-LE-A-G3W Datasheet
576Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W2-01 OSRAM-LE-UW-D1W2-01 Datasheet
605Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W1-01 OSRAM-LE-UW-D1W1-01 Datasheet
294Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-A-H3W OSRAM-LE-A-H3W Datasheet
447Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W4-01 OSRAM-LE-UW-D1W4-01 Datasheet
533Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W5-01 OSRAM-LE-UW-D1W5-01 Datasheet
520Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com