Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61LV25616AL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # 61LV25616AL
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

61LV25616AL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  61LV25616AL Datasheet HTML 1Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 2Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 3Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc 61LV25616AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. A
02/21/03
IS61LV25616AL
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• High-speed access time:
— 10, 12 ns
• CMOS low power operation
• Low stand-by power:
— Less than 5 mA (typ.) CMOS stand-by
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
256K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH 3.3V SUPPLY
DESCRIPTION
The
ISSI IS61LV25616AL is a high-speed, 4,194,304-bit
static RAM organized as 262,144 words by 16 bits. It is
fabricated using
ISSI's high-performance CMOS technol-
ogy. This highly reliable process coupled with innovative
circuit design techniques, yields high-performance and low
power consumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61LV25616AL is packaged in the JEDEC standard
44-pin 400-mil SOJ, 44-pin TSOP Type II, 44-pin LQFP and
48-pin Mini BGA (8mm x 10mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE
OE
WE
256K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
FEBRUARY 2003


Similar Part No. - 61LV25616AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - 61LV25616AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com