Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH8056KDCAAA-014TU Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH8056KDCAAA-014TU
Description  Enhanced Single Wire CAN Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8056KDCAAA-014TU Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH8056KDCAAA-014TU Datasheet HTML 3Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 4Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 5Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 6Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 7Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 8Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 9Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 10Page - Melexis Microelectronic Systems TH8056KDCAAA-014TU Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TH8056
Enhanced Single Wire CAN Transceiver
TH8056 – Datasheet
Page 7 of 34
3901008056
June 2012
Rev 014
2.3
Static Characteristics
Unless otherwise specified all values in the following tables are valid for VBAT = 5V to 26.5V and TAMB=-40°C
to 125
oC. All voltages are referenced to ground (GND), positive currents flow into the IC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PIN VBAT
Operating supply voltage
VBAT
6
12
18
V
Low battery operating supply voltage
VBAT_L
except high-speed/sleep mode
5
6
V
Short duration Operating supply voltage
VBAT_JS
T<1min, Tamb < 85°C
(except high-speed mode)
18
26.5
V
Under-voltage lock-out
VBATuv
4.0
4.8
V
Supply current, recessive, all active modes
IBAT
VBAT = 18V , TxD open
5
8
mA
Normal mode supply current, dominant
IBATN [2]
VBAT = 26.5V
MODE0=MODE1=H TxD=L,
Rload = 200Ω
30
35
mA
High-speed mode supply current, dominant
IBATH [2]
VBAT = 16V
MODE0=H,MODE1=L,TxD=L,
Rload = 75Ω
60
75
mA
Wake-up mode supply current, dominant
IBATW [2]
VBAT = 26.5V
MODE0=L,MODE1=H, TxD=L,
Rload = 200Ω
60
75
mA
Sleep mode supply current
IBATS
VBAT =13V, Tamb < 85°C
40
60
A
PIN CANH
Bus output voltage, low battery
Voh_l
RL > 200Ω,
Normal, high-speed mode,
5V < VBAT < 6V
3.4
5.1
V
Bus output voltage
Voh
RL > 200Ω, Normal mode,
6V < VBAT < 26.5V
4.4
5.1
V
Bus output voltage, high-speed mode
Voh
RL > 75Ω, high-speed mode,
8V < VBAT < 16V
4.2
5.1
V
Fixed Wake-up Output High Voltage
VohWuFix
Wake-up mode, RL > 200Ω,
11.2V < VBAT < 26.5V
9.9
12.5
V
Offset Wake-up Output High Voltage
VohWuOffset
Wake-up mode, RL > 200Ω,
5V < VBAT < 11.2V
VBAT – 1.5
VBAT
V
Recessive state output voltage
Vol
Recessive state or sleep mode,
Rload = 6.5 kΩ,
-0.2
0.20
V
Bus short circuit current
-ICAN_SHORT
VCANH = 0V, VBAT = 26.5V,
TxD = 0V
50
350
mA
Bus leakage current during loss of ground
ILKN_CAN[1]
Loss of ground, VCANH = 0V
-50
10
A
Bus leakage current, bus positive
ILKP_CAN
TxD high;
-10
10
A
Bus input threshold
Vih
Normal, high-speed mode
2.0
2.1
2.2
V
Bus input threshold low battery
Vihlb
Normal mode 5V<VBAT<6V
1.6
1.7
2.2
V
Fixed Wake-up Input High Voltage
Threshold
VihWuFix[2]
Sleep mode, VBAT > 11.2V
6.6
7.9
V


Similar Part No. - TH8056KDCAAA-014TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8056KDCA MELEXIS-TH8056KDCA Datasheet
713Kb / 26P
   Enhanced Single Wire CAN Transceiver
TH8056KDCA8 MELEXIS-TH8056KDCA8 Datasheet
713Kb / 26P
   Enhanced Single Wire CAN Transceiver
More results

Similar Description - TH8056KDCAAA-014TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8056 MELEXIS-TH8056 Datasheet
713Kb / 26P
   Enhanced Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com