Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3T-4807D-VZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3T-4807D-VZ
Description  3 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-4807D-VZ Datasheet(HTML) 1 Page - AIMTEC

  AM3T-4807D-VZ Datasheet HTML 1Page - AIMTEC AM3T-4807D-VZ Datasheet HTML 2Page - AIMTEC AM3T-4807D-VZ Datasheet HTML 3Page - AIMTEC AM3T-4807D-VZ Datasheet HTML 4Page - AIMTEC AM3T-4807D-VZ Datasheet HTML 5Page - AIMTEC AM3T-4807D-VZ Datasheet HTML 6Page - AIMTEC AM3T-4807D-VZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AM3T-VZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.H
1 of 7
North America only
FEATURES:
Models
Single output
 Wide 2:1 Input Range
 Operating Temperature -40oC to +85oC
 24 Pin DIP Package
 Input / Output Isolation 1500 or 3500 VDC
 High Efficiency up to 82%
 Pin Compatible with Multiple Manufacturers
 Metal Package
 Continuous Short Circuit Protection
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output Current
Max (mA)
Capacitive Load
Max (μF)
Input Current
Full | No Load
(mA)
Efficiency
(%)
AM3T-0503S-VZ
4.5-9
3.3
800
2200
650
70
73
AM3T-0505S-VZ
4.5-9
5
600
2200
600
70
70
AM3T-0507S-VZ
4.5-9
7.2
417
1000
417
72
72
AM3T-0509S-VZ
4.5-9
9
333
470
333
72
72
AM3T-0512S-VZ
4.5-9
12
250
470
250
74
74
AM3T-0515S-VZ
4.5-9
15
200
470
200
74
74
AM3T-0518S-VZ
4.5-9
18
167
220
167
74
74
AM3T-0524S-VZ
4.5-9
24
125
220
125
70
70
AM3T-1203S-VZ
9-18
3.3
800
2200
650
70
73
AM3T-1205S-VZ
9-18
5
600
2200
600
70
76
AM3T-1207S-VZ
9-18
7.2
417
1000
417
72
74
AM3T-1209S-VZ
9-18
9
333
470
333
72
77
AM3T-1212S-VZ
9-18
12
250
470
250
74
79
AM3T-1215S-VZ
9-18
15
200
470
200
74
79
AM3T-1218S-VZ
9-18
18
167
220
167
74
79
AM3T-1224S-VZ
9-18
24
125
220
125
70
79
AM3T-2403S-VZ
18-36
3.3
800
2200
650
70
70
AM3T-2405S-VZ
18-36
5
600
2200
600
70
80
AM3T-2407S-VZ
18-36
7.2
417
1000
417
72
77
AM3T-2409S-VZ
18-36
9
333
470
333
72
80
AM3T-2412S-VZ
18-36
12
250
470
250
74
82
AM3T-2415S-VZ
18-36
15
200
470
200
74
82
AM3T-2418S-VZ
18-36
18
167
220
167
74
79
AM3T-2424S-VZ
18-36
24
125
220
125
70
80
AM3T-4803S-VZ
36-72
3.3
800
2200
650
70
77
AM3T-4805S-VZ
36-72
5
600
2200
600
70
77
AM3T-4807S-VZ
36-72
7.2
417
1000
417
72
78
AM3T-4809S-VZ
36-72
9
333
470
333
72
78
AM3T-4812S-VZ
36-72
12
250
470
250
74
80
AM3T-4815S-VZ
36-72
15
200
470
200
74
80
AM3T-4818S-VZ
36-72
18
167
220
167
74
77
AM3T-4824S-VZ
36-72
24
125
220
125
70
80
AM3T-0503SH35-VZ
4.5-9
3.3
800
2200
650
70
73
AM3T-0505SH35-VZ
4.5-9
5
600
2200
600
70
70
AM3T-0507SH35-VZ
4.5-9
7.2
417
1000
417
72
72
AM3T-0509SH35-VZ
4.5-9
9
333
470
333
72
72
AM3T-0512SH35-VZ
4.5-9
12
250
470
250
74
74
AM3T-0515SH35-VZ
4.5-9
15
200
470
200
74
74
AM3T-0518SH35-VZ
4.5-9
18
167
220
167
74
74
AM3T-0524SH35-VZ
4.5-9
24
125
220
125
70
70
AM3T-1203SH35-VZ
9-18
3.3
800
2200
650
70
73
AM3T-1205SH35-VZ
9-18
5
600
2200
600
70
76
AM3T-1207SH35-VZ
9-18
7.2
417
1000
417
72
74
AM3T-1209SH35-VZ
9-18
9
333
470
333
72
77
AM3T-1212SH35-VZ
9-18
12
250
470
250
74
79
Click on Series name for product info on aimtec.com


Similar Part No. - AM3T-4807D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-4807D-VZ AIMTEC-AM3T-4807D-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3T-4807D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com