Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

26CV12 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part No. 26CV12
Description  High Performance E2CMOS PLD Generic Array Logic
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

26CV12 Datasheet(HTML) 6 Page - Lattice Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Specifications GAL26CV12
6
Specifications GAL26CV12C
Recommended Operating Conditions
Commercial Devices:
Ambient Temperature (T
A) ............................. 0 to +75°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.75 to +5.25V
Industrial Devices:
Ambient Temperature (T
A) ........................... –40 to 85°C
Supply voltage (V
CC)
with Respect to Ground ......................... +4.5 to +5.5V
Absolute Maximum Ratings(1)
Supply voltage V
CC ...................................... –0.5 to +7V
Input voltage applied .......................... –2.5 to V
CC +1.0V
Off-state output voltage applied ......... –2.5 to V
CC +1.0V
Storage Temperature ................................ –65 to 150
°C
Ambient Temperature with
Power Applied ........................................... –55 to 125
°C
1. Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device at
these or at any other conditions above those indicated in the op-
erational sections of this specification is not implied (while pro-
gramming, follow the programming specifications).
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.3
MAX.
UNITS
VIL
Input Low Voltage
Vss – 0.5
0.8
V
VIH
Input High Voltage
2.0
Vcc+1
V
IIL1
Input or I/O Low Leakage Current
0V
≤ VIN ≤ VIL (MAX.)
——
–100
µA
IIH
Input or I/O High Leakage Current
3.5V
≤ VIN ≤ VCC
——
10
µA
VOL
Output Low Voltage
IOL = MAX. Vin = VIL or VIH
——
0.5
V
VOH
Output High Voltage
IOH = MAX. Vin = VIL or VIH
2.4
——
V
IOL
Low Level Output Current
——
16
mA
IOH
High Level Output Current
——
–3.2
mA
IOS2
Output Short Circuit Current
VCC = 5V
VOUT = 0.5V T
A = 25°C
–30
—–130
mA
COMMERCIAL
ICC
Operating Power
VIL = 0.5V
VIH = 3.0V ftoggle = 15MHz
L-7
90
130
mA
Supply Current
Outputs Open
INDUSTRIAL
ICC
Operating Power
VIL = 0.5V
VIH = 3.0V ftoggle = 15MHz
L-10
90
150
mA
Supply Current
Outputs Open
1) The leakage current is due to the internal pull-up on all pins. See Input Buffer section for more information.
2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester
ground degradation. Characterized but not 100% tested.
3) Typical values are at Vcc = 5V and TA = 25
°C.
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn