Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3D-0505DZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM3D-0505DZ
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3D-0505DZ Datasheet(HTML) 4 Page - AIMTEC

  AM3D-0505DZ Datasheet HTML 1Page - AIMTEC AM3D-0505DZ Datasheet HTML 2Page - AIMTEC AM3D-0505DZ Datasheet HTML 3Page - AIMTEC AM3D-0505DZ Datasheet HTML 4Page - AIMTEC AM3D-0505DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM3D-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
4 of 5
North America only
Conducted Emissions
Model
C1
L1
5 Vin
1210 2.2µF / 100V
18 µH
12 Vin
1210 2.2µF / 100V
18 µH
EFT
Typical Efficiency Example Charts
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM3D‐0509SZ Efficiency vs. Loading


Similar Part No. - AM3D-0505DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-0505DZ AIMTEC-AM3D-0505DZ Datasheet
450Kb / 3P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3D-0505DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com