Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3GW-2403SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3GW-2403SZ
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3GW-2403SZ Datasheet(HTML) 1 Page - AIMTEC

  AM3GW-2403SZ Datasheet HTML 1Page - AIMTEC AM3GW-2403SZ Datasheet HTML 2Page - AIMTEC AM3GW-2403SZ Datasheet HTML 3Page - AIMTEC AM3GW-2403SZ Datasheet HTML 4Page - AIMTEC AM3GW-2403SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM3GW-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.G
1 of 5
North America only
FEATURES:
 SIP9 Package
Ultra-Wide Input Range 4:1
 Low Ripple and Noise
 1500VDC I/O Isolation
 Continuous Short Circuit Protection
 Efficiency up to 84%
 -40ºC to +85ºC Operating Temperature Range
 Remote ON / OFF Control
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
Max (mA)
Maximum
Capacitive
Load (µF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM3GW-2403SZ
9-36
3.3
700
2200
125
10
77
AM3GW-2405SZ
9-36
5
600
1000
153
10
82
AM3GW-2412SZ
9-36
12
250
165
149
10
83
AM3GW-2415SZ
9-36
15
200
100
148
10
83
AM3GW-4803SZ
18-75
3.3
700
2200
65
5
78
AM3GW-4805SZ
18-75
5
600
1000
78
5
84
AM3GW-4812SZ
18-75
12
250
165
75
5
84
AM3GW-4815SZ
18-75
15
200
100
75
5
82
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
Max (mA)
Maximum
Capacitive
Load (µF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM3GW-2405DZ
9-36
±5
±300
±470
155
10
81
AM3GW-2412DZ
9-36
±12
±125
±100
149
10
84
AM3GW-2415DZ
9-36
±15
±100
±47
149
10
83
AM3GW-4805DZ
18-75
±5
±300
±470
78
5
82
AM3GW-4812DZ
18-75
±12
±125
±100
75
5
82
AM3GW-4815DZ
18-75
±15
±100
±47
76
5
83
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
24
48
9-36
18-75
VDC
Filter
Capacitor
Start Up Time
10
ms
Absolute Maximum Rating
24
48
50
100
VDC
Peak Input Voltage Time
100
ms
On/Off Control
ON: 0 to 0.6VDC (or open) ; OFF:2.7 to 15.0VDC, OFF idle current: 5mA, max
Input Reflected Ripple Current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Voltage
60 sec
1500
VDC
Resistance
>1000
MOhm
Capacitance
500
pF
Click on Series name for product info on aimtec.com


Similar Part No. - AM3GW-2403SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3GW-2403SZ AIMTEC-AM3GW-2403SZ Datasheet
127Kb / 5P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3GW-2403SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com