Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

22SC5405 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. 22SC5405
Description  Silicon NPN triple diffusion planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

22SC5405 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  22SC5405 Datasheet HTML 1Page - Panasonic Semiconductor 22SC5405 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC5405
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
010
8
26
4
0
1.0
0.8
0.6
0.4
0.2
T
C=25˚C
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
0.1mA
I
B=0.9mA
Collector to emitter voltage V
CE
(V)
0
1.2
1.0
0.8
0.2
0.6
0.4
0
6
5
4
3
2
1
V
CE=4V
T
C=25˚C
Base to emitter voltage V
BE
(V)
0.01
0.1
1
10
0.01
0.1
1
10
100
I
C/IB=40
T
C=25˚C
Collector current I
C
(A)
0.01
0.1
1
10
100
1
10
100
1000
10000
V
CE=4V
T
C=25˚C
Collector current I
C
(A)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn