Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2GW-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM2GW-NZ
Description  2 Watt | DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2GW-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM2GW-NZ_16 Datasheet HTML 1Page - AIMTEC AM2GW-NZ_16 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AM2GW-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.F
1 of 2
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Max Capacitive
Load
(μF)
Efficiency
AM2GW -2405S-NZ
9-36
5
400
1500
820
75
AM2GW -4805S-NZ
18-72
5
400
1500
820
76
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
Capacitor
Maximum Rating
24 Vin
48 Vin
40
80
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON – low or open; OFF – high
On/Off input current
5
10
mA
* Exceeding the maximum permissible value of 20mA for the Input On/Off current will damage the converter.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
TestedI/O voltage
60 sec
1500
VDC
Resistance
At 500VDC
> 1000
MOhm
Capacitance
80
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Line voltage regulation
LL~HL
±0.75
%
Load voltage regulation
Load 10~100%
±1.5
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, Vin nominal
>100
550
KHz
Operating temperature
With derating above 71
oC
-40 to +85
oC
Storage temperature
-50 to +125
oC
Temperature rise
Full load
15
35
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
7
g
Dimensions (L x W x H)
1.02 x 0.37x 0.49 inch26.00 x 9.60 x 12.00 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise
specified
• RoHS compliant
• Operating temperature -40oC to + 85oC
• Ultra wide 4:1 input range
• Continuous Short circuit protection
• Remote On/Off Control
• High efficiency up to 76%
• 9 pin SIP package
• Low ripple and noise
Click on Series name for product info on aimtec.com


Similar Part No. - AM2GW-NZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2GW-NZ AIMTEC-AM2GW-NZ_13 Datasheet
215Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2GW-NZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com