Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNP318U-4 Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNP318U-4
Description  THROUGH-HOLE SHAPE - INFRARED LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNP318U-4 Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  DNP318U-4 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNP318U-4 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNP318U-4 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNP318U-4 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20
THROUGH-HOLE SHAPE - INFRARED LED
n
Infrared LED
Unit
nm
mA
mW/sr
mA
mW
mA
MHz
mA
Part No.
Features
Peak
Wavelength
l P
Cut-Off Frequency
Fc
Output Power
Po
I F
Spatial Distribution
(The typical distribution example of
each shape is shown below)
TYP.
I F
TYP.
Shape
fig.
MIN.
1F
TYP.
MIN.
Radiant Intensity
I E
I F
TYP.
60
0
30
60
90
90
30
0.5
90
60
30
0
30
60
90
0.5
90
60
30
0
30
60
90
0.5
90
60
30
0
30
60Åã
90Åã
0.5
90
60
30
0
30
60
90
0.5
90
60
30
0
30
60
90
0.5
AN304
AN333
AN501
DN501
AN504
DN504
f5 package
f3 package
Double-end
package
Double-end
package
Side-view
package
Side-view
package
950
950
950
850
950
850
50
50
50
50
50
50
6
5
3
5.2
1.5
4
15
10
5
10.4
3.0
8
50
50
50
50
50
50
9
5
6
10
5
12
50
50
50
50
50
50
0.5
0.5
0.5
30
0.5
30
50
50
50
50
50
50
1
2
3
3
4
4
Ta= 25°C
v
All above products contain no lead
* Lead-free soldering compatible product
*
*
*
*
*
*


Similar Part No. - DNP318U-4

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
   Through-hole IRED/3 Wide Distribution Type
More results

Similar Description - DNP318U-4

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
THR22 VCC-THR22 Datasheet
27Kb / 1P
   THROUGH-HOLE LED MOUNT
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
   Round Through-Hole LED Lamp
logo
P-tec Corporation
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24_14 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03_14 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
logo
TT Electronics.
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com