Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL(P)73-1E-(0402) Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RL(P)73-1E-(0402)
Description  Values down to R10
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RL(P)73-1E-(0402) Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RL(P)73-1E-(0402) Datasheet HTML 1Page - TE Connectivity Ltd RL(P)73-1E-(0402) Datasheet HTML 2Page - TE Connectivity Ltd RL(P)73-1E-(0402) Datasheet HTML 3Page - TE Connectivity Ltd RL(P)73-1E-(0402) Datasheet HTML 4Page - TE Connectivity Ltd RL(P)73-1E-(0402) Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Low Ohmic - Current Sense Resistors
Type RL73 Series
2
1773269 CIS WR 02/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Characteristics - Electrical - High power version
Type
TCR
Power rating
Resistance
TDF
TD
TE
Tape
@ 70°C
Range
RLP73M1E
400PPM
0.125W
R051 - R10
1000
5000
--
Paper
RLP73N1E
300PPM
0.125W
R110 - R47
1000
5000
--
Paper
RLP73K1E
200PPM
0.125W
R51 - 1R0
1000
5000
--
Paper
RLP73M1J
400PPM
0.125W
R051 - R10
1000
5000
--
Paper
RLP73N1J
300PPM
0.125W
R110 - R47
1000
5000
--
Paper
RLP73K1J
200PPM
0.125W
R51 - 1R0
1000
5000
--
Paper
RLP73M2A
400PPM
0.25W
R051 - R10
1000
5000
--
Paper
RLP73N2A
300PPM
0.25W
R110 - R47
1000
5000
--
Paper
RLP73K2A
200PPM
0.25W
R51 - 1R0
1000
5000
--
Paper
RLP73V2B
600PPM
0.5W
R010 - R020
1000
5000
--
Paper
RLP73M2B
400PPM
0.5W
R022 - R047
1000
5000
--
Paper
RLP73N2B
300PPM
0.5W
R051 - R091
1000
5000
--
Paper
RLP73K2B
200PPM
0.5W
R10 - 1R0
1000
5000
--
Paper
RLP73V3A
600PPM
2W
R010 - R020
1000
--
4000
Plastic
RLP73M3A
400PPM
2W
R022 - R047
1000
--
4000
Plastic
RLP73N3A
300PPM
2W
R051 - R091
1000
--
4000
Plastic
RLP73K3A
200PPM
2W
R10 - 1R0
1000
--
4000
Plastic
Operating Voltage=√(P*R) ; Overload Voltage=2.5*√(P*R) ; Operating Current=√(P/R)
Maximum operating temperature -55°C to +155°C
* Recommended Circuit Board Design
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
0
20
40
60
80
100
120
140
160
180
100
80
60
40
20
0
Ambient Temperature (°C)
Power Derating Curve
Characteristics - Environmental
Item
Requirement
Test Method
Temperature Coefficient
As Specification
-55°C ~ +125°C, 25°C is the reference temperature
of Resistance (TCR):
Short Time Overload:
±(0.5%+0.05Ω)
RCWV*2.5 or Max. overload voltage for 5 seconds
for higher Power rating: ±(1.0% + 0.05Ω)
Insulation Resistance:
≥10G
Max. overload voltage for 1 minute
±(1.0%+0.05Ω)
70 ±2°C, Max. working voltage for 1000 hrs with
Endurance:
1.5 hrs “ON” and 0.5 hrs “OFF”
Damp Heat with Load:
±(0.5%+0.05Ω)
40 ±2°C, 90-95% R.H. max. working voltage
for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat:
±(0.5%+0.05Ω)
at +155°C for 1000 hrs
Bending Strength:
As Spec.
Bending once for 5 seconds 2010, 2512 sizes: 2mm
Other sizes: 3mm
Solderability:
95% min. coverage
245 ±5°C for 3 seconds
Resistance to Soldering Heat:
±(0.5%+0.05Ω)
260 ±5°C for 10 seconds
Voltage Proof:
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching:
Individual leaching area ≤5%
260±5°C for 30 seconds
Total leaching area ≤10%
Thermal Shock:
±(0.5%+0.05Ω)
-55°C to +155°C, 5 cycles
Reference Standards: IEC 60115-1, 60068-2-58; JIS-C 5201-1
Storage Temperature: 25±3°C; Humidity < 80%RH


Similar Part No. - RL(P)73-1E-(0402)

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RL(P)731E(0402) MACOM-RL(P)731E(0402) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)731J(0603) MACOM-RL(P)731J(0603) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)732A(0805) MACOM-RL(P)732A(0805) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)732B(1206) MACOM-RL(P)732B(1206) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)732E(1210) MACOM-RL(P)732E(1210) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
More results

Similar Description - RL(P)73-1E-(0402)

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMD-SL-3V-400-N PHOENIX-EMD-SL-3V-400-N Datasheet
139Kb / 6P
   Adjustable threshold values
EMD-FL-V-300 PHOENIX-EMD-FL-V-300 Datasheet
156Kb / 8P
   Adjustable threshold values
logo
E-SWITCH
XF0360A E-SWITCH-XF0360A Datasheet
42Kb / 1P
   L16 PL R10 C ORG
logo
Tyco Electronics
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
Littelfuse
MPS LITTELFUSE-MPS Datasheet
563Kb / 2P
   Display metered values
logo
Tyco Electronics
2-1393766-7 MACOM-2-1393766-7 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-2 MACOM-2-1393767-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-4 MACOM-2-1393767-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
7-1393765-0 MACOM-7-1393765-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com