Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C110 Datasheet(PDF) 30 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button LAN91C110_08 Datasheet HTML 26Page - SMSC Corporation LAN91C110_08 Datasheet HTML 27Page - SMSC Corporation LAN91C110_08 Datasheet HTML 28Page - SMSC Corporation LAN91C110_08 Datasheet HTML 29Page - SMSC Corporation LAN91C110_08 Datasheet HTML 30Page - SMSC Corporation LAN91C110_08 Datasheet HTML 31Page - SMSC Corporation LAN91C110_08 Datasheet HTML 32Page - SMSC Corporation LAN91C110_08 Datasheet HTML 33Page - SMSC Corporation LAN91C110_08 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
Datasheet
SMSC LAN91C110 Rev. B
Page 30
Revision 1.0 (11-04-08)
DATASHEET
BANK 2
OFFSET
NAME
TYPE
SYMBOL
6
POINTER REGISTER
READ/WRITE
NOT EMPTY is a read
only bit
PTR
HIGH
BYTE
RCV
AUTO
INCR.
READ
Reserved
NOT
EMPTY
POINTER HIGH
0
0
0
0
0
0
0
0
LOW
BYTE
POINTER LOW
0
0
0
0
0
0
0
0
POINTER REGISTER - The value of this register determines the address to be accessed within the transmit or receive
areas. It will auto-increment on accesses to the data register when AUTO INCR. is set. The increment is by one for every
byte access, by two for every word access, and by four for every double word access. When RCV is set the address
refers to the receive area and uses the output of RX FIFO as the packet number, when RCV is clear the address refers to
the transmit area and uses the packet number at the Packet Number Register.
READ - Determines the type of access to follow. If the READ bit is high the operation intended is a read. If the READ bit is
low the operation is a write. Loading a new pointer value, with the READ bit high, generates a pre-fetch into the Data
Register for read purposes.
Readback of the pointer will indicate the value of the address last accessed by the CPU (rather than the last pre-fetched).
This allows any interrupt routine that uses the pointer, to save it and restore it without affecting the process being
interrupted. The Pointer Register should not be loaded until the Data Register FIFO is empty. The NOT EMPTY bit of this
register can be read to determine if the FIFO is empty. On reads, if IOCHRDY is not connected to the host, the Data Register
(ARDY) should not be read before 370ns after the pointer was loaded to allow the Data Register FIFO to fill.
If the pointer is loaded using 8 bit writes, the low byte should be loaded first and the high byte last.
Reserved – Must be 0.
NOT EMPTY - When set indicates that the Write Data FIFO is not empty yet. The CPU can verify that the FIFO is empty
before loading a new pointer value. This is a read only bit.
Note: If AUTO INCR. is not set, the pointer must be loaded with a dword aligned value.
BANK 2
OFFSET
NAME
TYPE
SYMBOL
8 THROUGH Bh
DATA REGISTER
READ/WRITE
DATA
DATA HIGH
X
X
X
X
X
X
X
X
DATA LOW
X
X
X
X
X
X
X
X


Similar Part No. - LAN91C110_08

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110TQFP SMSC-LAN91C110TQFP Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
More results

Similar Description - LAN91C110_08

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
   FEAST??Fast Ethernet Controller
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com