Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C110 Datasheet(PDF) 27 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LAN91C110_08 Datasheet HTML 23Page - SMSC Corporation LAN91C110_08 Datasheet HTML 24Page - SMSC Corporation LAN91C110_08 Datasheet HTML 25Page - SMSC Corporation LAN91C110_08 Datasheet HTML 26Page - SMSC Corporation LAN91C110_08 Datasheet HTML 27Page - SMSC Corporation LAN91C110_08 Datasheet HTML 28Page - SMSC Corporation LAN91C110_08 Datasheet HTML 29Page - SMSC Corporation LAN91C110_08 Datasheet HTML 30Page - SMSC Corporation LAN91C110_08 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
Datasheet
SMSC LAN91C110 Rev. B
Page 27
Revision 1.0 (11-04-08)
DATASHEET
BANK2
OFFSET
NAME
TYPE
SYMBOL
0
MMU COMMAND REGISTER
WRITE ONLY
BUSY Bit Readable
MMUCR
This register is used by the CPU to control the memory allocation, de-allocation, TX FIFO and RX FIFO control. The three
command bits determine the command issued as described below:
HIGH
BYTE
LOW
BYTE
COMMAND
Reserved
Reserved
N2
N1
N0/BUSY
X
Y
Z
0
COMMAND SET:
xyz
000
0)
NOOP - NO OPERATION
001
1)
ALLOCATE MEMORY FOR TX - N2, N1, N0 defines the amount of memory requested as (value + 1) * 256
bytes. Namely N2, N1, N0 = 1 will request 2 * 256 = 512 bytes. A shift-based divide by 256 of the packet
length yields the appropriate value to be used as N2, N1, N0. Immediately generates a completion code at
the ALLOCATION RESULT REGISTER. Can optionally generate an interrupt on successful completion. N2,
N1, N0 are ignored by the LAN91C110 but should be implemented in LAN91C110 software drivers for
LAN9000 compatibility.
010
2)
RESET MMU TO INITIAL STATE - Frees all memory allocations, clears relevant interrupts, resets packet
FIFO pointers.
011
3)
REMOVE FRAME FROM TOP OF RX FIFO - To be issued after CPU has completed processing of present
receive frame. This command removes the receive packet number from the RX FIFO and brings the next
receive frame (if any) to the RX area (output of RX FIFO).
100
4)
REMOVE AND RELEASE TOP OF RX FIFO - Like 3) but also releases all memory used by the packet
presently at the RX FIFO output. The MMU busy time after issuing REMOVE and RELEASE command
depends on the time when the busy bit is cleared. The time from issuing REMOVE and RELEASE command
on the last receive packet to the time when receive FIFO is empty depends on RX INT bit turning low. An
alternate approach can be checking the read RX FIFO register.
101
5)
RELEASE SPECIFIC PACKET - Frees all pages allocated to the packet specified in the PACKET NUMBER
REGISTER. Should not be used for frames pending transmission. Typically used to remove transmitted
frames, after reading their completion status. Can be used following 3) to release receive packet memory in
a more flexible way than 4).
110
6)
ENQUEUE PACKET NUMBER INTO TX FIFO - This is the normal method of transmitting a packet just
loaded into RAM. The packet number to be enqueued is taken from the PACKET NUMBER REGISTER.
111
7)
RESET TX FIFOs - This command will reset both TX FIFOs: The TX FIFO holding the packet numbers
awaiting transmission and the TX Completion FIFO. This command provides a mechanism for canceling
packet transmissions, and reordering or bypassing the transmit queue. The RESET TX FIFOs command
should only be used when the transmitter is disabled. Unlike the RESET MMU command, the RESET TX
FIFOs does not release any memory.


Similar Part No. - LAN91C110_08

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110TQFP SMSC-LAN91C110TQFP Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
More results

Similar Description - LAN91C110_08

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110 Datasheet
482Kb / 55P
   FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
   FEAST??Fast Ethernet Controller
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com