Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8187i Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN8187i
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187i Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN8187i Datasheet HTML 27Page - SMSC Corporation LAN8187i Datasheet HTML 28Page - SMSC Corporation LAN8187i Datasheet HTML 29Page - SMSC Corporation LAN8187i Datasheet HTML 30Page - SMSC Corporation LAN8187i Datasheet HTML 31Page - SMSC Corporation LAN8187i Datasheet HTML 32Page - SMSC Corporation LAN8187i Datasheet HTML 33Page - SMSC Corporation LAN8187i Datasheet HTML 34Page - SMSC Corporation LAN8187i Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
±15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR® Technology
Datasheet
SMSC LAN8187/LAN8187i
31
Revision 1.7 (03-04-11)
DATASHEET
4.9
Internal +1.8V Regulator Disable
One feature of the flexPWR technology is the ability to to configure the internal 1.8V regulator off.
When the regulator is disabled, external 1.8V must be supplied to VDD_CORE. This makes it possible
to reduce total system power, since an external switching regulator with greater efficiency than the
internal linear regulator may be used to provide the +1.8V to the PHY circuitry.
4.9.1
Disable the Internal +1.8V Regulator
To disable the +1.8V internal regulator, a pulldown strapping resistor (see Table 4.4, “Boot Strapping
Configuration Resistors,” on page 33) is attached from REG_EN to VSS. When both VDDIO and VDDA
are within specification, the PHY will sample the REG_EN pin to determine if the internal regulator
should turn on. If the pin is grounded to VSS, then the internal regulator is disabled, and the system
must supply +1.8V to the VDD_CORE pin. The voltage at VDD33 must be at least 2.64V (0.8 * 3.3V)
before voltage is applied to VDD_CORE. As descibed in Section 4.9.2, when the REG_EN pin is left
floating or pulled up to VDDIO, then the internal regulator is enabled and the system does not supply
+1.8V to the VDD_CORE pin.
When the +1.8V internal regulator is disabled, a 0.1uF capacitor must be added at the VDD_CORE
pin and placed close to the PHY. This capacitance provides decoupling of the external power supply
noise.
4.9.2
Enable the Internal +1.8V Regulator
To enable the internal regulator, a pull-up resistor (see Table 4.4, “Boot Strapping Configuration
Resistors,” on page 33) to VDDIO may be added to the REG_EN pin. When the REG_EN pin is left
floating, the internal regulator will aslo be enabled.
Both a 4.7uF low-ESR and a 0.1uF capacitor must be added at the VDD_CORE pin and placed close
to the PHY. This capacitance ensures stability of the internal regulator.
Figure 4.4 Direct cable connection vs. Cross-over cable connection.


Similar Part No. - LAN8187i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187I SMSC-LAN8187I Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187I SMSC-LAN8187I Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187I-JT SMSC-LAN8187I-JT Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187I-JT SMSC-LAN8187I-JT Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
More results

Similar Description - LAN8187i

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_06 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com