Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9117-MT Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9117-MT
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9117-MT Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9117-MT Datasheet HTML 1Page - SMSC Corporation LAN9117-MT Datasheet HTML 2Page - SMSC Corporation LAN9117-MT Datasheet HTML 3Page - SMSC Corporation LAN9117-MT Datasheet HTML 4Page - SMSC Corporation LAN9117-MT Datasheet HTML 5Page - SMSC Corporation LAN9117-MT Datasheet HTML 6Page - SMSC Corporation LAN9117-MT Datasheet HTML 7Page - SMSC Corporation LAN9117-MT Datasheet HTML 8Page - SMSC Corporation LAN9117-MT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
SMSC LAN9117
DATASHEET
Revision 1.5 (07-11-08)
Datasheet
PRODUCT FEATURES
LAN9117
High Performance
Single-Chip 10/100 Non-
PCI Ethernet Controller
Highlights
Member of LAN9118 Family; optimized for medium-
high performance applications
Easily interfaces to most 16-bit embedded CPU’s
Efficient architecture with low CPU overhead
Integrated PHY; supports external PHY via MII
interface
Supports audio & video streaming over Ethernet:
1-2 high-definition (HD) MPEG2 streams
Medium-high speed member of LAN9118 Family
(all members are pin-compatible)
Target Applications
Medium-range Cable, satellite, and IP set-top boxes
Digital video recorders and DVD recorders/players
High definition televisions
Digital media clients/servers and home gateways
Video-over IP Solutions, IP PBX & video phones
Wireless routers & access points
High-end audio distribution systems
Key Benefits
Non-PCI Ethernet Controler for medium-high
performance applications
16-bit interface with fast bus cycle times
Burst-mode read support
External MII Interface
Eliminates dropped packets
Internal buffer memory can store over 200 packets
Supports automatic or host-triggered PAUSE and back-
pressure flow control
Minimizes CPU overhead
Supports Slave-DMA
Interrupt Pin with Programmable Hold-off timer
Reduces system cost and increases design flexibility
SRAM-like interface easily interfaces to most
embedded CPU’s or SoC’s
Low-cost, low--pin count non-PCI interface for
embedded designs
Reduced Power Modes
Numerous power management modes
Wake on LAN*
Magic packet wakeup*
Wakeup indicator event signal
Link Status Change
Single chip Ethernet controller
Fully compliant with IEEE 802.3/802.3u standards
Integrated Ethernet MAC and PHY
10BASE-T and 100BASE-TX support
Full- and Half-duplex support
Full-duplex flow control
Backpressure for half-duplex flow control
Preamble generation and removal
Automatic 32-bit CRC generation and checking
Automatic payload padding and pad removal
Loop-back modes
Flexible address filtering modes
One 48-bit perfect address
64 hash-filtered multicast addresses
Pass all multicast
Promiscuous mode
Inverse filtering
Pass all incoming with status report
Disable reception of broadcast packets
Integrated Ethernet PHY
Auto-negotiation
Automatic polarity detection and correction
High-Performance host bus interface
Simple, SRAM-like interface
16-bit data bus
Large, 16Kbyte FIFO memory that can be allocated to
RX or TX functions
One configurable host interrupt
Miscellaneous features
Low profile 100-pin, TQFP lead-free RoHS Compliant
package
Integral 1.8V regulator
General Purpose Timer
Support for optional EEPROM
Support for 3 status LEDs multiplexed with
Programmable GPIO signals
3.3V Power Supply with 5V tolerant I/O
0 to 70
°C
* Third-party brands and names are the property of their respective
owners.


Similar Part No. - LAN9117-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9117-MT SMSC-LAN9117-MT Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9117-MT MICROCHIP-LAN9117-MT Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results

Similar Description - LAN9117-MT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com