Electronic Components Datasheet Search |
|
LAN9210 Datasheet(PDF) 64 Page - SMSC Corporation |
|
LAN9210 Datasheet(HTML) 64 Page - SMSC Corporation |
64 / 147 page Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support Datasheet Revision 2.9 (03-01-12) 64 SMSC LAN9210 DATASHEET 3.13.3 RX Status Format Figure 3.27 RX Packet Format with RX Checksum BITS DESCRIPTION 31 Reserved. This bit is reserved. Reads 0. 30 Filtering Fail. When set, this bit indicates that the associated frame failed the address recognizing filtering. 29:16 Packet Length. The size, in bytes, of the corresponding received frame. 15 Error Status (ES). When set this bit indicates that the MIL has reported an error. This bit is the Internal logical “or” of bits 11,7,6 and 1. 14 Reserved. These bits are reserved. Reads 0. 13 Broadcast Frame. When set, this bit indicates that the received frame has a Broadcast address. 12 Length Error (LE). When set, this bit indicates that the actual length does not match with the length/type field of the received frame. 11 Runt Frame. When set, this bit indicates that frame was prematurely terminated before the collision window (64 bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit MAC_CR Bit [16] is set. 10 Multicast Frame. When set, this bit indicates that the received frame has a Multicast address. 9:8 Reserved. These bits are reserved. Reads 0. ofs + First Data DWORD . . . . Last Data DWORD 0 31 Host Read Order 1st 2nd Last Optional Pad DWORD0 . . Optional Pad DWORDn Optional offset DWORD0 . . Optional offset DWORDn RX Checksum |
Similar Part No. - LAN9210 |
|
Similar Description - LAN9210 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |