Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9210 Datasheet(PDF) 16 Page - SMSC Corporation

Part # LAN9210
Description  Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9210 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LAN9210 Datasheet HTML 12Page - SMSC Corporation LAN9210 Datasheet HTML 13Page - SMSC Corporation LAN9210 Datasheet HTML 14Page - SMSC Corporation LAN9210 Datasheet HTML 15Page - SMSC Corporation LAN9210 Datasheet HTML 16Page - SMSC Corporation LAN9210 Datasheet HTML 17Page - SMSC Corporation LAN9210 Datasheet HTML 18Page - SMSC Corporation LAN9210 Datasheet HTML 19Page - SMSC Corporation LAN9210 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 147 page
background image
Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
16
SMSC LAN9210
DATASHEET
Table 2.3 Serial EEPROM Interface Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
EEPROM Data,
GPO3, TX_EN,
TX_CLK
EEDIO/GPO3/
TX_EN/TX_CLK
I/O8
1
EEPROM Data: This bi-directional pin can be
connected to a serial EEPROM DIO. This is
optional.
General Purpose Output 3: This pin can also
function as a general purpose output, or it can
be configured to monitor the TX_EN or
TX_CLK signals on the internal MII port. When
configured as a GPO signal, or as a
TX_EN/TX_CLK monitor, the EECS pin is
deasserted so as to never unintentionally
access the serial EEPROM. This signal cannot
function as a general-purpose input.
EEPROM Chip
Select
EECS
O8
1
Serial EEPROM chip select.
EEPROM Clock,
GPO4 RX_DV,
RX_CLK
EECLK/GPO4/
RX_DV/RX_CLK
O8
(PU)
1
EEPROM Clock: Serial EEPROM Clock pin.
General Purpose Output 4: This pin can also
function as a general-purpose output, or it can
be configured to monitor the RX_DV or
RX_CLK signals on the internal MII port. When
configured as a GPO signal, or as an
RX_DV/RX_CLK monitor, the EECS pin is
deasserted so as to never unintentionally
access the serial EEPROM. This signal cannot
function as a general-purpose input.
Note:
When the EEPROM interface is not
used, the EECLK pin must be left
unconnected.
Note:
This pin must not be pulled low by an
external resistor or driven low
externally under any conditions.


Similar Part No. - LAN9210

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
   Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
More results

Similar Description - LAN9210

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
   Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211_0711 SMSC-LAN9211_0711 Datasheet
1Mb / 146P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9420 SMSC-LAN9420 Datasheet
1Mb / 171P
   Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com