Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9215 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LAN9215
Description  16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LAN9215 Datasheet HTML 84Page - SMSC Corporation LAN9215 Datasheet HTML 85Page - SMSC Corporation LAN9215 Datasheet HTML 86Page - SMSC Corporation LAN9215 Datasheet HTML 87Page - SMSC Corporation LAN9215 Datasheet HTML 88Page - SMSC Corporation LAN9215 Datasheet HTML 89Page - SMSC Corporation LAN9215 Datasheet HTML 90Page - SMSC Corporation LAN9215 Datasheet HTML 91Page - SMSC Corporation LAN9215 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 144 page
background image
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
88
SMSC LAN9215
DATASHEET
5.3.11
RX_FIFO_INF—Receive FIFO Information Register
This register contains the used space in the receive FIFOs of the LAN9215 Ethernet Controller.
5.3.12
TX_FIFO_INF—Transmit FIFO Information Register
This register contains the free space in the transmit data FIFO and the used space in the transmit
status FIFO in the LAN9215.
Offset:
7Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-24
Reserved
RO
-
23-16
RX Status FIFO Used Space (RXSUSED). Indicates the amount of space
in DWORDs, used in the RX Status FIFO.
RO
00h
15-0
RX Data FIFO Used Space (RXDUSED).). Reads the amount of space in
bytes, used in the RX data FIFO. For each receive frame, this field is
incremented by the length of the receive data rounded up to the nearest
DWORD (if the payload does not end on a DWORD boundary).
RO
0000h
Offset:
80h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31-24
Reserved
RO
-
23-16
TX Status FIFO Used Space (TXSUSED). Indicates the amount of space
in DWORDS used in the TX Status FIFO.
RO
00h
15-0
TX Data FIFO Free Space (TDFREE). Reads the amount of space in bytes,
available in the TX data FIFO. The application should never write more data
than is available, as indicated by this value.
RO
1200h


Similar Part No. - LAN9215

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215-MT SMSC-LAN9215-MT Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215-MT-E2 SMSC-LAN9215-MT-E2 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 134P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 138P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
More results

Similar Description - LAN9215

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215I SMSC-LAN9215I_12 Datasheet
1Mb / 139P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9420 SMSC-LAN9420 Datasheet
1Mb / 171P
   Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com