Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9215 Datasheet(PDF) 82 Page - SMSC Corporation

Part # LAN9215
Description  16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button LAN9215 Datasheet HTML 78Page - SMSC Corporation LAN9215 Datasheet HTML 79Page - SMSC Corporation LAN9215 Datasheet HTML 80Page - SMSC Corporation LAN9215 Datasheet HTML 81Page - SMSC Corporation LAN9215 Datasheet HTML 82Page - SMSC Corporation LAN9215 Datasheet HTML 83Page - SMSC Corporation LAN9215 Datasheet HTML 84Page - SMSC Corporation LAN9215 Datasheet HTML 85Page - SMSC Corporation LAN9215 Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
82
SMSC LAN9215
DATASHEET
5.3.7
RX_CFG—Receive Configuration Register
This register controls the LAN9215 receive engine.
Offset:
6Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:30
RX End Alignment. This field specifies the alignment that must be
maintained on the last data transfer of a buffer. The LAN9215 will add
extra DWORDs of data up to the alignment specified in the table below.
The host is responsible for removing these extra DWORDs. This
mechanism can be used to maintain cache line alignment on host
processors.
Please refer to Table 5.2 for bit definitions
Note:
The desired RX End Alignment must be set before reading a
packet. The RX end alignment can be changed between reading
receive packets, but must not be changed if the packet is
partially read.
R/W
00b
29-28
Reserved
RO
-
27-16
RX DMA Count (RX_DMA_CNT). This 12-bit field indicates the amount
of data, in DWORDS, to be transferred out of the RX data FIFO before
asserting the RXD_INT. After being set, this field is decremented for each
DWORD of data that is read from the RX data FIFO. This field can be
overwritten with a new value before it reaches zero.
R/W
000h
15
Force RX Discard (RX_DUMP). This self-clearing bit clears the RX data
and status FIFOs of all pending data. When a ‘1’ is written, the RX data
and status pointers are cleared to zero.
Note:
Please refer to section “Force Receiver Discard (Receiver
Dump)” on page 60 for a detailed description regarding the use
of RX_DUMP.
SC
0
14-13
Reserved
RO
-
12-8
RX Data Offset (RXDOFF). This field controls the offset value, in bytes,
that is added to the beginning of an RX data packet. The start of the valid
data will be shifted by the number of bytes specified in this field. An offset
of 0-31 bytes is a valid number of offset bytes.
Note:
The two LSBs of this field (D[9:8]) must not be modified while
the RX is running. The receiver must be halted, and all data
purged before these two bits can be modified. The upper three
bits (DWORD offset) may be modified while the receiver is
running. Modifications to the upper bits will take affect on the
next DWORD read.
R/W
00000
7-0
Reserved
RO
-
Table 5.2 RX Alignment Bit Definitions
[31]
[30]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved


Similar Part No. - LAN9215

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215-MT SMSC-LAN9215-MT Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215-MT-E2 SMSC-LAN9215-MT-E2 Datasheet
1Mb / 134P
   Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 134P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 138P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
More results

Similar Description - LAN9215

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215I SMSC-LAN9215I_12 Datasheet
1Mb / 139P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9420 SMSC-LAN9420 Datasheet
1Mb / 171P
   Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com