Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9211 Datasheet(PDF) 80 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 80 Page - SMSC Corporation

Back Button LAN9211_12 Datasheet HTML 76Page - SMSC Corporation LAN9211_12 Datasheet HTML 77Page - SMSC Corporation LAN9211_12 Datasheet HTML 78Page - SMSC Corporation LAN9211_12 Datasheet HTML 79Page - SMSC Corporation LAN9211_12 Datasheet HTML 80Page - SMSC Corporation LAN9211_12 Datasheet HTML 81Page - SMSC Corporation LAN9211_12 Datasheet HTML 82Page - SMSC Corporation LAN9211_12 Datasheet HTML 83Page - SMSC Corporation LAN9211_12 Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
80
SMSC LAN9211
DATASHEET
4
IRQ Polarity (IRQ_POL) – When cleared, enables the IRQ line to
function as an active low output. When set, the IRQ output is active high.
When IRQ is configured as an open-drain output this field is ignored,
and the interrupt output is always active low.
R/W
NASR
0
3-1
Reserved
RO
-
0
IRQ Buffer Type (IRQ_TYPE) – When cleared, enables IRQ to function
as an open-drain buffer for use in a Wired-Or Interrupt configuration.
When set, the IRQ output is a Push-Pull driver. When configured as an
open-drain output the IRQ_POL field is ignored, and the interrupt output
is always active low.
R/W
NASR
0
BITS
DESCRIPTION
TYPE
DEFAULT


Similar Part No. - LAN9211_12

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9211-ABZJ SMSC-LAN9211-ABZJ Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211_0711 SMSC-LAN9211_0711 Datasheet
1Mb / 146P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
More results

Similar Description - LAN9211_12

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
   Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211_0711 SMSC-LAN9211_0711 Datasheet
1Mb / 146P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
   Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9420 SMSC-LAN9420 Datasheet
1Mb / 171P
   Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com