Electronic Components Datasheet Search |
|
2-1102770-0 Datasheet(PDF) 5 Page - Tyco Electronics |
|
2-1102770-0 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 43 page 82 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors Performance Characteristics and Specifications Wire AWG #16 16A #14 19A #12 25A #10 30A Current 6 position max. D-5200S/M Performance Characteristics Pitch Description Voltage Rating Contact Resistance Operating Temperature Dielectric Withstanding Voltage Current Rating 400mils (10.16mm) 630V AC 2mΩ Max. -55°~+105°C 3,000V AC (1 minute) Material and Finish Receptacle Contact Tab Contact Tab Post Housing Material Copper alloy Copper alloy UL 94V-0 rated, glass filled polyester (PBT) Gold plating with underplated nickel Gold plating with underplated nickel Description Finish Wire AWG #20 12A #18 16A #16 20A #14 25A #12 33A #10 38A #8 45A Current Wire AWG #20 12A #18 15A #16 18A #14 23A #12 31A #10 35A #8 43A Current Current for 3-pos. silver-plated contacts Current for 4-pos. silver-plated contacts D-5200Mα Performance Characteristics Pitch Description Voltage Rating Contact Resistance Operating Temperature Dielectric Withstanding Voltage Current Rating 400mils (10.16mm) 630V AC 2mΩ Max. -55°~+105°C 3,000V AC (1 minute) Material and Finish Receptacle Contact Tab Contact Tab Post Housing Material Copper alloy Copper alloy UL 94V-0 rated, glass filled polyester (PBT) Silver plating with underplated nickel Silver plating with underplated nickel Description Finish |
Similar Part No. - 2-1102770-0 |
|
Similar Description - 2-1102770-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |