Electronic Components Datasheet Search |
|
1-1102770-6 Datasheet(PDF) 1 Page - Tyco Electronics |
|
1-1102770-6 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 43 page 78 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-4000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire) AMP Dynamic Series Connectors Product Facts I 20A of current is achievable with the use of 3-position connectors I Newly designed contacts with four contact points I Dynamic 4000 Series achieved a 50% or greater improvement in current values compared with the Dynamic 3000 Series. At the same time, mating height increased only approximately 14% I Current capacity per unit volume is also higher by approximately 32% I Wire-to-board type (2-, 3- and 4-position) and wire-to- wire type (3-position). This flexible line-up will help meet customer demands. Sequential pins are also available. Material and Finish Receptacle Contact — Phosphor bronze or copper alloy, gold plated with 0.38 µm nickel underplate Tab Contact — Phosphor bronze or copper alloy, gold plated with 0.38 µm nickel underplate Tab Post — Phosphor bronze or copper alloy, tin plated on contact area and gold plated with nickel underplate Housing — Glass filled polyester (PBT), UL 94V-0 Performance Characteristics Pitch — 6.35 mm (250 mils) Voltage Rating — 600 V (rms) Current Rating — 2-position: 24 A; 3-position: 23 A; 4-position: 22 A (when using #12 AWG wire) Contact Resistance — 10 m Ω Max. Dielectric Withstanding Voltage — 2,500 V (1 minute) Operating Temperature — -55°C ~ +105°C Technical Documents Product Specification 108-78182 Application Specification 114-5362 D-4 Contact 0.38µm thick gold plating Receptacle Contact (Used in Receptacle Housing) Tab Contact (Used in Tab Housing) Applicable Ins. Dia. Wire Contact Part Numbers Application Tooling Wire Range Range Range AWG mm2 mm Mark Receptacle Tab Sequential Long Tab Mini-Applicator Hand Tool 16 1.25 2.0~3.75 M ST. 1747418-2 1747419-2 1-1747419-2 1762120-2 — 14 2.20 LP. 1747499-2 1747501-2 1-1747501-2 — 1762130-1 14 2.20 2.9~4.1 L ST. 1747415-2 1747416-2 1-1747416-2 1762119-2 — 12 3.50 LP. 1747498-2 1747500-2 1-1747500-2 — 1762129-1 Notes: Minimum order quantity for tooling is one. Extraction Tool Part Number 1762461-1 (411-78186) Mini-Applicator is for use on Automachine. Strip Form contacts are used with Mini-Applicator and Loose-Piece contacts are with hand tools. |
Similar Part No. - 1-1102770-6 |
|
Similar Description - 1-1102770-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |