Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9514 Datasheet(PDF) 11 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 7Page - SMSC Corporation LAN9514 Datasheet HTML 8Page - SMSC Corporation LAN9514 Datasheet HTML 9Page - SMSC Corporation LAN9514 Datasheet HTML 10Page - SMSC Corporation LAN9514 Datasheet HTML 11Page - SMSC Corporation LAN9514 Datasheet HTML 12Page - SMSC Corporation LAN9514 Datasheet HTML 13Page - SMSC Corporation LAN9514 Datasheet HTML 14Page - SMSC Corporation LAN9514 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
11
Revision 1.2 (02-29-12)
DATASHEET
1
Ethernet Link
Activity Indicator
LED
nLNKA_LED
OD12
(PU)
This pin is driven low (LED on) when a valid link is
detected. This pin is pulsed high (LED off) for
80mS whenever transmit or receive activity is
detected. This pin is then driven low again for a
minimum of 80mS, after which time it will repeat
the process if TX or RX activity is detected.
Effectively, LED2 is activated solid for a link. When
transmit or receive activity is sensed, LED2 will
function as an activity indicator.
General
Purpose I/O 1
GPIO1
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
Ethernet Speed
Indicator LED
nSPD_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
operating speed is 100Mbs, or during auto-
negotiation. This pin is driven high during 10Mbs
operation, or during line isolation.
General
Purpose I/O 2
GPIO2
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
General
Purpose I/O 3
GPIO3
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
General
Purpose I/O 4
GPIO4
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
General
Purpose I/O 5
GPIO5
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
General
Purpose I/O 6
GPIO6
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
General
Purpose I/O 7
GPIO7
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programmable
as either a push-pull output, an open-drain output,
or a Schmitt-triggered input.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS_5V
This pin detects the state of the upstream bus
power. The Hub monitors VBUS_DET to determine
when to assert the USBDP0 pin's internal pull-up
resistor (signaling a connect event).
For bus powered hubs, this pin must be tied to
VDD33IO.
For self powered hubs where the device is
permanently attached to a host, VBUS_DET should
be pulled to VDD33IO. For other self powered
applications, refer to the device reference
schematic for additional connection information.
1
Auto-MDIX
Enable
AUTOMDIX_EN
IS
Determines the default Auto-MDIX setting.
0 = Auto-MDIX is disabled.
1 = Auto-MDIX is enabled.
Table 2.3 Miscellaneous Pins (continued)
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION


Similar Part No. - LAN9514

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9514-JZX SMSC-LAN9514-JZX Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514i SMSC-LAN9514i Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514i-JZX SMSC-LAN9514i-JZX Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
More results

Similar Description - LAN9514

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
logo
SMSC Corporation
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com