Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB11 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # EMB11
Description  Dual Digital Transistors (PNP P NP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

EMB11 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  EMB11 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd EMB11 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd EMB11 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
EMB11
FEATURES
Two DTA114E chips in a package
Mounting possible with SOT-563 automatic mounting machines
Transistor elements are independent,eliminating interference
Mouting cost and area be cut in half
Marking: B11
Absolute maximum ratings (Ta=25
℃)
Electrical Characteristics (Ta=25
℃)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input turn-on voltage
Vi(on)
VO=-0.3V, IO=-10 mA
-3
V
Input cut-off voltage
Vi(off)
VCC=-5V, IO=-10
0µA
-0.5
V
Output voltage
VO(on)
IO=-10 mA, Ii=-0.5 mA
-0.3
V
Input cut-off current
Ii
Vi =-5V
-0.88
mA
Output cut-off current
IO(off)
VCC=-50V, Vi=0
-0.5
µA
DC current gain
Gi
VO =-5V, IO=-5mA
30
Transition frequency
fT
VO =-10V, IO=-5mA, f =100MHz
250
MHz
Input resistance
R1
7
13
KΩ
Resistance ratio
R2/R1
0.8
1.2
Symbol
Parameter
Value
Units
VCC
Supply Voltage
-50
V
IC(MAX)
Output current
-100
mA
Vi
Input voltage
-40 to +10
V
PD
Power dissipation
150
mW
TJ
Junction temperature
150
Tstg
Storage temperature
-55~+150
JC T
SOT-563
Dual Digital Transistors (PNP+PNP)
www.cj-elec.com
1
D,May,2015
www.cj-elec.com
Digital Transistors (Built-in Resistors)


Similar Part No. - EMB11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
74Kb / 3P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB11 HTSEMI-EMB11 Datasheet
1Mb / 1P
   dual digital transistors (PNP PNP)
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
EMB11 ROHM-EMB11 Datasheet
1Mb / 11P
   General purpose Dual digital transistors
logo
Excelliance MOS Corp.
EMB11A03G EXCELLIANCE-EMB11A03G Datasheet
202Kb / 5P
   Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB11

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMB9 JIANGSU-EMB9 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
TECH PUBLIC Electronics...
TPBC856S TECHPUBLIC-TPBC856S Datasheet
1Mb / 4P
   Dual Digital Transistors (PNPPNP)
logo
Jiangsu Changjiang Elec...
EMB3 JIANGSU-EMB3 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
UMA5N HTSEMI-UMA5N Datasheet
345Kb / 1P
   dual digital transistors (PNP PNP)
UMG5N HTSEMI-UMG5N Datasheet
307Kb / 1P
   dual digital transistors (PNP PNP)
EMB11 HTSEMI-EMB11 Datasheet
1Mb / 1P
   dual digital transistors (PNP PNP)
logo
TECH PUBLIC Electronics...
BC856S TECHPUBLIC-BC856S Datasheet
1Mb / 4P
   Dual Digital Transistors (PNPPNP)
logo
Jiangsu Changjiang Elec...
EMB4 JIANGSU-EMB4 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
UMA11N HTSEMI-UMA11N Datasheet
338Kb / 1P
   dual digital transistors (PNP PNP)
EMB9 HTSEMI-EMB9 Datasheet
384Kb / 1P
   dual digital transistors (PNP PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com