Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-21028-4 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 4-21028-4
Description  Micro Pneumatic Tooling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-21028-4 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 4-21028-4 Datasheet HTML 3Page - Tyco Electronics 4-21028-4 Datasheet HTML 4Page - Tyco Electronics 4-21028-4 Datasheet HTML 5Page - Tyco Electronics 4-21028-4 Datasheet HTML 6Page - Tyco Electronics 4-21028-4 Datasheet HTML 7Page - Tyco Electronics 4-21028-4 Datasheet HTML 8Page - Tyco Electronics 4-21028-4 Datasheet HTML 9Page - Tyco Electronics 4-21028-4 Datasheet HTML 10Page - Tyco Electronics 4-21028-4 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
409- 10039
“Micro” Pneumatic Tooling Assembly 1490567- 1
Rev C
7
of 15
Tyco Electronics Corporation
Figure 4
Hand Switch
Assembly
Switch
Lever
Typical Tool
Holder Assembly
and Cam
Power
Unit
Connects to Main
Air Supply
3. AIR LINE REQUIREMENTS AND SETUP
Air pressure must be removed from the unit while head or tool holder is detached.
For proper operation, the power unit (pneumatic tooling assembly) requires an adequate air supply to maintain
between 620 and 690 kPa [90 and 100 psi] constant air pressure. Pressure less than 620 kPa [90 psi] will be
insufficient for proper crimp operation. Pressure over 690 kPa [100 psi] may cause damage to the tooling
system.
A filter and moisture separator, regulator, and lubricator must be used with the tooling assembly to ensure
dependable performance and long life. It is recommended that quick--disconnect fittings are used to connect
the tool to the air supply. If not using quick--disconnect fittings, provide a pneumatic lock--out on the air line that
bleeds air after it is turned off. These items are customer supplied.
It is strongly recommended that these items be installed at each tool station in the order shown in Figure 5.
Mount the items as close as possible to the tooling assembly, preferably where the tool hose is connected to
the air system. Be sure the items are checked after every 40 hours of use by the tool operator or maintenance
personnel.
Figure 5 lists the suggested manufacturers and benefits of using this equipment.
DANGER


Similar Part No. - 4-21028-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-21028-4 MACOM-4-21028-4 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
More results

Similar Description - 4-21028-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-3700 MOLEX-62201-3700 Datasheet
28Kb / 1P
   Flat Rock Tooling for Pneumatic Press
09/04/2013
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
Harwin Plc
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com