Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553454-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 553454-1
Description  Undercarpet PRO?밅RIMPER III Hand Tool Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

553454-1 Datasheet(HTML) 3 Page - Tyco Electronics

  553454-1 Datasheet HTML 1Page - Tyco Electronics 553454-1 Datasheet HTML 2Page - Tyco Electronics 553454-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
408-10267
Undercarpet PRO-CRIMPER III Hand Tool Assembly 91392-1
3 of 3
Rev A
Tyco Electronics Corporation
Figure 4
1.68 [.066]
NO-GO Dim
1.47 [.058]
GO Dim
4.06 [.160]
76.2 [3.00] Min
20.32 [.800] Min (Typ)
NO-GO
GO
12.7 [.50]
6.35 [.250] (Typ)
Suggested Plug Gage Design
Note: Not to Scale
GO Element Passed
Completely Through
Crimping Chamber
NO-GO Element Entered
Partially into, But Must Not
Pass Completely Through,
Crimping Chamber
Inspection of Crimping Chamber
4.2. Visual Inspection
The die and moving jaw should be inspected on a
regular basis to ensure it has not become worn or
damaged. Inspect the crimping surfaces for flattened,
chipped, worn, or broken areas. If damage or
abnormal wear is evident, the tool must be replaced.
See Section 5, REPLACEMENT.
4.3. Tool Closure Inspection
Squeeze the tool handles together until one handle
bottoms on the handle stop. The die and moving jaw
should bottom properly, and the crimping chamber
should conform to the gaging inspection described in
Paragraph 4.3.
4.4. Gaging the Crimping Chamber
This inspection requires the use of a plug gage
conforming to the dimensions provided in Figure 4.
To gage the crimping chamber, proceed as follows:
1. Remove traces of oil or dirt from the crimping
chamber and plug gage.
2. Close the tool handles until one handle bottoms
on the handle stop; then hold in this position. DO
NOT force beyond initial contact.
3. Insert GO element into the crimping chamber;
but do not force it. The GO element must pass
completely through the length of the crimping
chamber.
4. In the same manner, try to insert the NO–GO
element into the crimping chamber. The NO–GO
element may enter partially, but must not pass
completely through the length of the crimping
chamber.
If the crimping chamber conforms to the gage
inspection, the tool may be considered dimensionally
correct and should be lubricated with a THIN coat of
any good SAE 20 motor oil. If the crimping chamber
does NOT conform to the gage inspection, the tool
must be repaired.
5. REPLACEMENT
Available separately, Repair Kit 679221–1 includes a
replacement lock nut and a variety of pins, rings,
screws, and springs. If the die is damaged or worn
excessively, it must be replaced. Order the repair kit
and replaceable parts through your representative, or
call 1–800–526–5142, or send a facsimile of your
purchase order to 717–986–7605, or write to:
CUSTOMER SERVICE (038–035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105–3608
6. REVISION SUMMARY
S Initial release of document


Similar Part No. - 553454-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5534 POMONA-5534 Datasheet
23Kb / 1P
   Static Control Ground Cord
logo
Christian Bürkert GmbH ...
553432 BURKERT-553432 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
553433 BURKERT-553433 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
logo
Molex Electronics Ltd.
55347-4015 MOLEX7-55347-4015 Datasheet
116Kb / 3P
   HMC??Rectangular Industrial Male Housing, Single-Module, 40 Circuits, Type APolarization
55347-4065 MOLEX7-55347-4065 Datasheet
116Kb / 3P
   1.00mm (.039
More results

Similar Description - 553454-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10227 MACOM-408-10227 Datasheet
324Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4453 MACOM-408-4453 Datasheet
213Kb / 4P
   PRO?밅RIMPER III Hand Tool Assembly
408-10207 MACOM-408-10207 Datasheet
238Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4031 MACOM-408-4031 Datasheet
238Kb / 5P
   PRO?밅RIMPER III Hand Tool Assembly
408-4145 MACOM-408-4145 Datasheet
209Kb / 4P
   PRO?밅RIMPER III Hand Tool Assembly
408-9830 MACOM-408-9830 Datasheet
167Kb / 3P
   PRO?밅RIMPER III Hand Tool Assembly
408-4276 MACOM-408-4276 Datasheet
242Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4093 MACOM-408-4093 Datasheet
196Kb / 4P
   PRO?밅RIMPER III Hand Tool
408-4217 MACOM-408-4217 Datasheet
293Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4356 MACOM-408-4356 Datasheet
244Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com