Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23150-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 23150-3
Description  Hydraulic Crimping
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

23150-3 Datasheet(HTML) 4 Page - Tyco Electronics

  23150-3 Datasheet HTML 1Page - Tyco Electronics 23150-3 Datasheet HTML 2Page - Tyco Electronics 23150-3 Datasheet HTML 3Page - Tyco Electronics 23150-3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 8914
Hydraulic Crimping Head 1752787- 1
Rev B
4
of 4
Tyco Electronics Corporation
8. REVISION SUMMARY
S
Addition of “ORIGINAL INSTRUCTIONS”
76.84 [3.025]
123.19 [4.850]
8
5
4
3
2
6
7
1
9
337
[13.27]
A
A
Section A- A
WEIGHT:
13.6 kg [30 lb] (Approx.)
REPLACEMENT PARTS FOR CRIMPING HEAD 1752787--1
ITEM
PART NUMBER
DESCRIPTION
QTY PER HEAD
1
311470--1
COUPLER, Quick Connect/Disconnect
1
2
306209--8
PIN, Removable Latch
1
3
8--59558--5
PIN, Pivot
1
4
1--21045--1
RING, Retaining
1
5
21061--9
SETSCREW
2
6
4--23147--7
SPRING, Compression
1
7
1--21919--6
PIN, Dowel
1
8
4--21012--0
SETSCREW
1
9
23150--3
NIPPLE, Hex
1
Figure 4


Similar Part No. - 23150-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
23150-3 MACOM-23150-3 Datasheet
209Kb / 6P
   Hydraulic Crimping
23150-3 MACOM-23150-3 Datasheet
115Kb / 4P
   Hydraulic Crimping Head
logo
TE Connectivity Ltd
23150-3 TEC-23150-3 Datasheet
649Kb / 8P
   Hydraulic Crimping Head
More results

Similar Description - 23150-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8910 MACOM-408-8910 Datasheet
209Kb / 6P
   Hydraulic Crimping
408-8956 MACOM-408-8956 Datasheet
132Kb / 4P
   Hydraulic Crimping
408-8714 MACOM-408-8714 Datasheet
97Kb / 3P
   Hydraulic Crimping Head
logo
TE Connectivity Ltd
408-8958 TEC-408-8958 Datasheet
270Kb / 6P
   Hydraulic Crimping Head
logo
Tyco Electronics
408-8915 MACOM-408-8915 Datasheet
115Kb / 4P
   Hydraulic Crimping Head
logo
TE Connectivity Ltd
408-8910 TEC-408-8910 Datasheet
649Kb / 8P
   Hydraulic Crimping Head
logo
Tyco Electronics
408-8959 MACOM-408-8959 Datasheet
137Kb / 3P
   Hydraulic Crimping Head
logo
Molex Electronics Ltd.
0638161700 MOLEX11-0638161700 Datasheet
40Kb / 1P
   Hydraulic Dieless Crimping Tool
logo
TE Connectivity Ltd
408-6757 TEC-408-6757 Datasheet
315Kb / 5P
   Hydraulic Hand Crimping Tool
logo
Tyco Electronics
408-8717 MACOM-408-8717 Datasheet
136Kb / 3P
   Hydraulic Hand Crimping Tool
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com