Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4303.2624.22 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4303.2624.22
Description  Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4303.2624.22 Datasheet(HTML) 2 Page - Schurter Inc.

  4303.2624.22 Datasheet HTML 1Page - Schurter Inc. 4303.2624.22 Datasheet HTML 2Page - Schurter Inc. 4303.2624.22 Datasheet HTML 3Page - Schurter Inc. 4303.2624.22 Datasheet HTML 4Page - Schurter Inc. 4303.2624.22 Datasheet HTML 5Page - Schurter Inc. 4303.2624.22 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Accessories
Fusedrawer 3
www.schurter.com /PGZ01
Connectors
Index
Marking on Voltage Selector Insert / Terminal No.
yy
KEC
1
2
3
4
KD
3
4
5
6
4303.2014.46
100
120
200
230
4303.2024.00
-
-
-
-
4303.2024.01
100
120
220
240
4303.2024.02
110
150
220
-
4303.2024.03
110
-
220
-
4303.2024.04
110
220
240
-
4303.2024.05
115
-
230
-
4303.2024.06
117
220
240
-
4303.2024.08
110 V
-
220 V
-
4303.2024.09
220
-
240
-
4303.2024.10
115
220
240
-
4303.2024.11
110
120
220
240
4303.2024.12
115
230
240
-
4303.2024.15
100
115
230
-
4303.2024.16
100
120
230
240
4303.2024.17
115
120
230
240
4303.2024.18
115
-
240
-
4303.2024.19
220
120
240
230
4303.2024.20
100
120
230
-
4303.2024.22
100
120
220
230
4303.2024.25
120
-
230
-
4303.2024.28
-
230
240
-
4303.2024.30
117
220
240
100
4303.2024.31
117
220
240
100
4303.2024.35
100
115
230
240
4303.2024.40
100
110
127
230
4303.2024.44
100
115
127
230
4303.2024.45
100
115
230
127
4303.2024.46
100
120
200
230
4303.2036.01
100
120
220
240
4303.2036.01.1
100
120
220
240
4303.2036.03
110
-
220
-
4303.2036.04
110
220
240
-
4303.2036.05
115
-
230
-
4303.2036.11
110
120
220
240
4303.2036.23
100
110
120
-
4303.2037.01
100
120
220
240
4303.2037.03
110
-
220
-
4303.2037.10
115
220
240
-
4303.2037.13
100
110
220
240
4303.2114.01
100
120
220
240
4303.2114.02
110
150
220
-
4303.2114.03
110
-
220
-
4303.2114.04
110
220
240
-
4303.2114.05
115
-
230
-
4303.2114.08
110 V
-
220 V
-
4303.2114.09
220
-
240
-
4303.2114.11
110
120
220
240
4303.2114.12
115
230
240
-
4303.2114.13
100
110
220
240
4303.2114.15
100
115
230
-
4303.2114.17
115
120
230
240
4303.2114.20
100
120
230
-
4303.2114.22
100
120
220
230


Similar Part No. - 4303.2624.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4303.2014.00 SCHURTER-4303.2014.00 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
4303.2014.00 SCHURTER-4303.2014.00 Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
4303.2014.01 SCHURTER-4303.2014.01 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
4303.2014.01 SCHURTER-4303.2014.01 Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
4303.2014.02 SCHURTER-4303.2014.02 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
More results

Similar Description - 4303.2624.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUSEDRAWER3 SCHURTER-FUSEDRAWER3_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V02 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
FUSEDRAWER3 SCHURTER-FUSEDRAWER3 Datasheet
384Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1 Datasheet
192Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
FUSEDRAWER1 SCHURTER-FUSEDRAWER1_V01 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4303.2114.01 SCHURTER-4303.2114.01_V01 Datasheet
398Kb / 7P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm7
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V01 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V02 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
04.01.2022
FUSEDRAWER2 SCHURTER-FUSEDRAWER2 Datasheet
336Kb / 5P
   Fusedrawer f체r Fuse Links 5x20 mm, with or without Voltage Selector Insert
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com